Electronic Components Datasheet Search
  English  ▼

X  

LMX2322 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2322
Description  PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2322 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2322 Datasheet HTML 1Page - National Semiconductor (TI) LMX2322 Datasheet HTML 2Page - National Semiconductor (TI) LMX2322 Datasheet HTML 3Page - National Semiconductor (TI) LMX2322 Datasheet HTML 4Page - National Semiconductor (TI) LMX2322 Datasheet HTML 5Page - National Semiconductor (TI) LMX2322 Datasheet HTML 6Page - National Semiconductor (TI) LMX2322 Datasheet HTML 7Page - National Semiconductor (TI) LMX2322 Datasheet HTML 8Page - National Semiconductor (TI) LMX2322 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LMX2322
Advance Information
9/24/1998
Rev 1.6
2
Connection Diagram
Vcc
CPo
GND
fin
Xfin
OSCin
LE
Data
Clock
CE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
Vp
NC
NC
NC
NC
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
TSSOP 16
CSP 16 (TOP VIEW)
Vp
Vcc
CPo
GND
Xfin
fin
NC
Clock
Data
LE
CE
NC
NC
NC
NC
OSCin
Pin Description
Pin
No.
Pin
Name
I/O
Description
TSSOP
16
CSP 16
1
15
OSCin
I
Oscillator input. A CMOS inverting gate input. The input has a
Vcc/2 input threshold and can be driven from an external CMOS
or TTL logic gate. May also be used as a buffer for an externally
provided reference oscillator.
3
1
Vp
-
Power supply for charge pump. Must be > Vcc
4
2
Vcc
-
Power supply voltage input. Input may range from 2.7V to 3.9V.
Bypass capacitors should be placed as close as possible to this
pin and be connected directly to the ground plane.
5
3
CPo
O
Internal charge pump output. For connection to a loop filter for
driving the voltage control input of an external oscillator.
6
4
GND
-
Ground.
7
5
Xfin
I
RF prescaler complimentary input.
In single-ended mode, a
bypass capacitor should be placed as close as possible to this
pin and be connected directly to the ground plane. The LMX2322
can be driven differentially when a bypass capacitor is omitted.
8
6
fin
I
RF prescaler input.
Small signal input from the voltage
controlled oscillator.
9
8
Clock
I
High impedance CMOS Clock input. Data is clocked in on the
rising edge, into the various counters and registers.
10
9
Data
I
Binary serial data input. Data entered MSB first. LSB is control
bit. High impedance CMOS input.
11
10
LE
I
Load enable input. When Load Enable transitions HIGH, data is
loaded into either the N or R register (control bit dependent). See
timing diagram.
12
11
CE
I
PLL Enable.
A LOW on CE powers down the device
asynchronously and TRI-STATEs the charge pump output.
2,13,14,
15, 16
7,12,13
14, 16
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com