Electronic Components Datasheet Search
  English  ▼

X  

LMX2322 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2322
Description  PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2322 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2322 Datasheet HTML 6Page - National Semiconductor (TI) LMX2322 Datasheet HTML 7Page - National Semiconductor (TI) LMX2322 Datasheet HTML 8Page - National Semiconductor (TI) LMX2322 Datasheet HTML 9Page - National Semiconductor (TI) LMX2322 Datasheet HTML 10Page - National Semiconductor (TI) LMX2322 Datasheet HTML 11Page - National Semiconductor (TI) LMX2322 Datasheet HTML 12Page - National Semiconductor (TI) LMX2322 Datasheet HTML 13Page - National Semiconductor (TI) LMX2322 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LMX2322
Advance Information
9/24/1998
Rev 1.6
12
SERIAL DATA INPUT TIMING
Data
Clock
LE
tCS
tCH
t
(R15: MSB)
(R14)
(R8)
(R7)
N9
N10
N17
N18: MSB
LE
OR
CWH
tES
tEW
(C2) C1: LSB
C1: LSB
C2
tCWL
(R6)
NOTES:
Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around Vcc/2. The test
waveform has an edge rate of 0.6 V/nsec with amplitudes of 2.2V @ Vcc=2.7 V and 2.6V @ Vcc = 3.9 V.
PHASE COMPARATOR AND INTERNAL CHARGE PUMP CHARACTERISTICS
CPo
fr
fp
H
fr > fp
fr = fp
fr < fp
L
Z
fr < fp
fr < fp
NOTES:
Phase difference detection range: - 2
π to + 2π
The minimum width pump up and pump down current pulses occur at the CPo pin when the loop is locked.
PD_POL = 1
fr:
Phase comparator input from the R Divider
fp:
Phase comparator input from the N divider
CPo: Charge pump output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com