Electronic Components Datasheet Search
  English  ▼

X  

LMX2322 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2322
Description  PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2322 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2322 Datasheet HTML 4Page - National Semiconductor (TI) LMX2322 Datasheet HTML 5Page - National Semiconductor (TI) LMX2322 Datasheet HTML 6Page - National Semiconductor (TI) LMX2322 Datasheet HTML 7Page - National Semiconductor (TI) LMX2322 Datasheet HTML 8Page - National Semiconductor (TI) LMX2322 Datasheet HTML 9Page - National Semiconductor (TI) LMX2322 Datasheet HTML 10Page - National Semiconductor (TI) LMX2322 Datasheet HTML 11Page - National Semiconductor (TI) LMX2322 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LMX2322
Advance Information
9/24/1998
Rev 1.6
8
2.0 Programming Description
2.1
MICROWIRETM Interface
The MICROWIRE
TM interface is comprised of an 18 bit shift register, a R register and a N register. The shift
register consists of a 17 bit DATA field and a 1 bit address (ADDR) field as shown below. When Latch Enable
transitions HIGH, data stored in the shift register is loaded into either the R or N register depending on the ADDR
bit as described in Table 2.1.1. The data is loaded MSB first. The DATA field assignment for the R and N
registers are shown in Table 2.1.2 below.
MSB
LSB
DATA [16:0]
ADDR
17
1
0
2.1.1
Address bit Truth Table
When LE is transitioned high, data is transferred from the 18-bit shift register into either the 14-bit R register, or
the 17 bit N register depending upon the state of the ADDR bit.
ADDR
DATA Location
0
N register
1
R register
2.1.2
Register Content Truth Table
First Bit
SHIFT REGISTER BIT LOCATION
Last Bit
17 16 15
14
13
12
11
10 9 8 7 6 5 4 3
2
1
0
N register
NB_CNTR
NA_CNTR
CTL_WORD
0
R register
X X X TEST RS PD_POL CP_TRI
R_CNTR
1
2.2
R REGISTER
If the Address Bit (ADDR) is 1, when LE is transitioned high data is transferred from the 18-bit shift register into
the 14-bit R register. The R register contains a latch which sets the PLL 10-bit R counter divide ratio. The divide
ratio is programmed using the bits R_CNTR as shown in Table 2.2.1. The ratio must be
≥ 2. The PD_POL,
CP_TRI and TEST bits control the phase detector polarity, charge pump tri-state, and test mode respectively, as
shown in Table 2.2.2 . The RS bit is reserved and should always be set to zero. X denotes a don’t care condition.
First Bit
SHIFT REGISTER BIT LOCATION
Last Bit
17 16 15
14
13
12
11
10 9 8 7 6 5 4 3
2
1
0
X X X TEST RS PD_POL CP_TRI
R_CNTR[9:0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com