Electronic Components Datasheet Search
  English  ▼

X  

LMX2322 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2322
Description  PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2322 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2322 Datasheet HTML 1Page - National Semiconductor (TI) LMX2322 Datasheet HTML 2Page - National Semiconductor (TI) LMX2322 Datasheet HTML 3Page - National Semiconductor (TI) LMX2322 Datasheet HTML 4Page - National Semiconductor (TI) LMX2322 Datasheet HTML 5Page - National Semiconductor (TI) LMX2322 Datasheet HTML 6Page - National Semiconductor (TI) LMX2322 Datasheet HTML 7Page - National Semiconductor (TI) LMX2322 Datasheet HTML 8Page - National Semiconductor (TI) LMX2322 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LMX2322
Advance Information
9/24/1998
Rev 1.6
3
Absolute Maximum Ratings (Note 1)
Value
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
Vcc
-0.3
4.3
V
Power Supply for Charge Pump
Vp
Vcc
4.3
V
Voltage on any pin with GND=0 volts
Vi
-0.3
Vcc+0.5
V
Storage Temperature Range
TS
- 65
+ 150
o C
Lead Temp. (solder 4 sec)
TL
+ 260
o C
ESD - whole body model (Note 2)
2
kV
Recommended Operating Conditions (Note 1)
Value
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
Vcc
2.7
3.75
3.9
V
Power Supply for Charge Pump
Vp
Vcc
3.9
V
Operating Temperature
TA
- 40
+ 85
o C
Notes:
1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Conditions
indicate conditions for which the device is intended to be functional. For guaranteed specifications and test conditions,
see the Electrical Characteristics.
2. This device is a high performance RF integrated circuit and is ESD sensitive. Handling and assembly of this device
should on be done on ESD protected workstations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com