Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 45Page - Infineon Technologies AG S29GL01GS Datasheet HTML 46Page - Infineon Technologies AG S29GL01GS Datasheet HTML 47Page - Infineon Technologies AG S29GL01GS Datasheet HTML 48Page - Infineon Technologies AG S29GL01GS Datasheet HTML 49Page - Infineon Technologies AG S29GL01GS Datasheet HTML 50Page - Infineon Technologies AG S29GL01GS Datasheet HTML 51Page - Infineon Technologies AG S29GL01GS Datasheet HTML 52Page - Infineon Technologies AG S29GL01GS Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
Datasheet
49
001-98285 Rev. *U
2024-06-25
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash
Parallel, 3.0 V
Embedded operations
Table 20
Erase State Command Transition
Current
State
Command
and
Condition
Read
Software
Reset /
ASO Exit
Status
Register
Read
Enter
Status
Register
Clear
Unlock 1 Unlock 2
Chip
Erase
Start
Sector
Erase
Start
Erase
Suspend
Enhanced
Method
[41]
Address
RA
xh
x555h
x555h
x555h
x2AAh
x555h
(SA)xh
xh
Data
RD
xF0h
x70h
x71h
xAAh
x55h
x10h
x30h
xB0h
ER
–
ER
–
READSR
(READ)
-–
ERUL1
–
–
–
–
ERUL1
–
ERUL1
–
READSR
(READ)
––
ERUL2
–
––
ERUL2
–
ERUL2
–
READSR
(READ)
––
–
CER
SER
–
CER [42]
–CER
–
ERSR
(CER)
––
–
–
––
SER [42]
SR(7) = 0
SER
–
ERSR
(SER)
––
–
–
–ESR (ES)
SR(7) = 1
READ
READ
BLCK [42]
SR(7) = 0
BLCK
–
ERSR
(BLCK)
––
–
–
––
SR(7) = 1
READ
READ
ERSR
–
(return)
–
–
–
–
–
–
–
–
Notes
41.Also known as Erase Suspend/Program Suspend Legacy Method.
42.State will automatically move to READ state at the completion of the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com