Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 16Page - Infineon Technologies AG S29GL01GS Datasheet HTML 17Page - Infineon Technologies AG S29GL01GS Datasheet HTML 18Page - Infineon Technologies AG S29GL01GS Datasheet HTML 19Page - Infineon Technologies AG S29GL01GS Datasheet HTML 20Page - Infineon Technologies AG S29GL01GS Datasheet HTML 21Page - Infineon Technologies AG S29GL01GS Datasheet HTML 22Page - Infineon Technologies AG S29GL01GS Datasheet HTML 23Page - Infineon Technologies AG S29GL01GS Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
Datasheet
20
001-98285 Rev. *U
2024-06-25
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash
Parallel, 3.0 V
Read operations
4
Read operations
4.1
Asynchronous read
Each read access may be made to any location in the memory (random access). Each random access is self-timed
with the same latency from CE# or address to valid data (tACC or tCE).
4.2
Page mode read
Each random read accesses an entire 32-byte page in parallel. Subsequent reads within the same page have
faster read access speed. The page is selected by the higher address bits (A
MAX–A4), while the specific word of that
page is selected by the least significant address bits A3–A0. The higher address bits are kept constant and only
A3–A0 changed to select a different word in the same page. This is an asynchronous access with data appearing
on DQ15–DQ0 when CE# remains LOW, OE# remains LOW, and the asynchronous page access time (tPACC) is
satisfied. If CE# goes HIGH and returns LOW for a subsequent access, a random read access is performed and time
is required (tACC or tCE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com