Electronic Components Datasheet Search
  English  ▼

X  

S29GL01GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 9Page - Infineon Technologies AG S29GL01GS Datasheet HTML 10Page - Infineon Technologies AG S29GL01GS Datasheet HTML 11Page - Infineon Technologies AG S29GL01GS Datasheet HTML 12Page - Infineon Technologies AG S29GL01GS Datasheet HTML 13Page - Infineon Technologies AG S29GL01GS Datasheet HTML 14Page - Infineon Technologies AG S29GL01GS Datasheet HTML 15Page - Infineon Technologies AG S29GL01GS Datasheet HTML 16Page - Infineon Technologies AG S29GL01GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
Datasheet
13
001-98285 Rev. *U
2024-06-25
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash
Parallel, 3.0 V
Address space maps
2.7.5
Dynamic protection bits (DYB) ASO
The DYB ASO contains one bit of a volatile memory array for each Sector in the device. When the DYB ASO is
entered, the DYB bit for a sector appears in the Least Significant Bit (LSB) of each address in the sector. See
Figure 28 for ASO entry timing requirements. Reading any address in a sector displays data where the LSB
indicates the non-volatile protection status for that sector. However, it is recommended to read, set, or clear the
DYB only at address 0 of the sector for future compatibility. If the bit is ‘0’, the sector is protected against
programming and erase operations. If the bit is ‘1’, the sector is not protected by the DYB. The sector may be
protected by other features of ASP.
2.8
ECC status ASO
The system can access the ECC status ASO by issuing the ECC status entry command sequence during read mode.
The ECC status ASO provides the status of a single bit error correction when reading the selected page.
“Automatic ECC” on page 23 describes the ECC function in more detail. See Figure 28 for ASO Entry timing
requirements.
The ECC Status ASO allows the following activities:
• Read ECC Status for the selected page.
•ASO exit.
2.8.1
ECC status
The contents of the ECC Status ASO indicates, for the selected ECC page, whether ECC protection has corrected
an error in the eight-bit error correction code or the 16 Words of data in the ECC page. The address specified in
the ECC Status Read Command, provided in Table 41 selects the ECC Page.
Table 9
ECC status word – upper byte
Bit
15
1413
12
11109
8
Name
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
Value
XXXX
XXX
X
Table 10
ECC status word – lower byte
Bit
765432
1
0
Name
RFU RFU RFU RFU RFU Single bit error corrected in
the 8-bit error correction
code
Single bit error corrected in
16 words of data
RFU
Value
XXXXX0 = No error corrected
1 = Single bit error corrected
0 = No error corrected
1 = Single bit error corrected
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com