Electronic Components Datasheet Search
  English  ▼

X  

PM3350 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM3350
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM3350 Datasheet HTML 45Page - PMC-Sierra, Inc PM3350 Datasheet HTML 46Page - PMC-Sierra, Inc PM3350 Datasheet HTML 47Page - PMC-Sierra, Inc PM3350 Datasheet HTML 48Page - PMC-Sierra, Inc PM3350 Datasheet HTML 49Page - PMC-Sierra, Inc PM3350 Datasheet HTML 50Page - PMC-Sierra, Inc PM3350 Datasheet HTML 51Page - PMC-Sierra, Inc PM3350 Datasheet HTML 52Page - PMC-Sierra, Inc PM3350 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
47
other channel that is destined for an end-station on the flow-controlled channel), the
MAC channel will cease transmitting the backpressure pattern, wait for a normal
interframe gap, and then transmit the desired frame(s). After all the pending frames
have been transmitted, the MAC logic will resume backpressuring the channel.
The backpressure mechanism described above is an optional feature that may be
enabled on a per-port basis by means of configuration parameters in the boot image. It
should be noted that the backpressure method will result in the complete shutdown of
the MAC channel (i.e., even local segment traffic will not be allowed to proceed), and so
it is recommended that backpressure be enabled only on ports that are connected to a
small number of end-stations.
The ELAN 8x10 MAC channels also provide a frame type filtering feature that extracts
the 16-bit EtherType fields of incoming frames (occupying the portion of the Ethernet
frame header immediately after the destination and source MAC addresses), compares
it to a programmable 16-bit value, and signals the Switch Processor firmware if a match
is found. This facility may be used, for example, to quickly identify MAC Control frames
(defined in IEEE 802.3x) or Address Resolution Protocol frames belonging to the
TCP/IP protocol. The Switch Processor firmware may then handle such marked frames
in a special manner.
Each MAC channel maintains a pair of control and status registers that allow the Switch
Processor to monitor and manage the state of the MAC channels. The MAC interfaces
are configurable (as a group) by a set of configuration registers that are loaded at
initialization time. The following parameters are configurable:
Parameter
Min
Max
Units
Interframe spacing, Part 1
0
255
bit times
Interframe spacing, Part 2
0
255
bit times
Transmitted preamble length (not
including SFD byte)
0
255
bits
Jam length (after collision)
1
255
bit times
Maximum frame size
1
4095
bytes
Minimum frame size
1
255
bytes
Late collision threshold
0
1024
bit times
Receiver blind time
0
255
bit times
EtherType comparison value
0
65535
N/A
It should be noted that the Part 1 interframe spacing may be set to zero, in which case
the interframe behavior of the ELAN 8x10 MAC defaults to that specified by the
Ethernet V2.0 standard. If the Part 1 interframe spacing is non-zero, then the minimum
interframe gap that can be tolerated by the MAC port during back-to-back frame receive
will be the greater of the Part 1 interframe spacing and the receiver blind time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com