Electronic Components Datasheet Search
  English  ▼

X  

PM3350 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM3350
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM3350 Datasheet HTML 57Page - PMC-Sierra, Inc PM3350 Datasheet HTML 58Page - PMC-Sierra, Inc PM3350 Datasheet HTML 59Page - PMC-Sierra, Inc PM3350 Datasheet HTML 60Page - PMC-Sierra, Inc PM3350 Datasheet HTML 61Page - PMC-Sierra, Inc PM3350 Datasheet HTML 62Page - PMC-Sierra, Inc PM3350 Datasheet HTML 63Page - PMC-Sierra, Inc PM3350 Datasheet HTML 64Page - PMC-Sierra, Inc PM3350 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
59
The ELAN 8x10 expects to find executable firmware code within the boot image that will
perform the actual initialization process. However, the boot image is only 8 bits wide,
and thus the firmware code supplied within it cannot be directly executed by the ELAN
8x10 Switch Processor, which uses 32-bit instructions located on 32-bit boundaries. It is
thus necessary for the ELAN 8x10 to copy the boot image to a block of RAM that is set
aside for the purpose, and to convert the 8-bit boot image to a 32-bit version so that the
boot firmware code can be directly executed.
When a proper boot image signature is found, therefore, the ELAN 8x10 will
automatically go on to read a preformatted header within the boot image. This header
should supply information required to copy the boot image to a pre-allocated block of
RAM, and is formatted as follows:
Field
Size,
Bytes
Byte Offsets
from Start
Mnemonic
Description
1
+16
HDRFLAGS
Boot image processing flags
3
+20,+24,+28
CPYTARGET
Target RAM block to copy 8-bit boot
image to
2
+32,+36
CPYSIZE
Amount of data to copy in 64-byte
blocks
3
+40,+44,+48
CPYFROM
Source of copy data within boot image
3
+52,+56,+60
BOOTSTART
Starting address of bootstrap firmware
in target RAM block (valid after copy
completed)
4
+64,+68,+72,+76
CHECKSUM
32-bit checksum, computed over entire
boot image (including checksum field)
4
+80,+84,+88,+92
SPACER
Must be set to 0x00000000
hexadecimal
The HDRFLAGS field supplies some control bits that determine how the ELAN 8x10 will
handle the boot image, and is formatted as follows:
76
5
4
0
EightBit
CpyInt
JmpInt
reserved
EightBit:
If set, indicates that the boot image is formatted as an eight-bit-wide memory
block (following the general format that has already been presented);
otherwise, indicates a 32-bit boot image in a special format. This bit is
intended for factory use only, and should always be set by the customer.
CpyInt:
If this bit is set, the contents of the boot image should be copied to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com