Electronic Components Datasheet Search
  English  ▼

X  

PM3350 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM3350
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM3350 Datasheet HTML 85Page - PMC-Sierra, Inc PM3350 Datasheet HTML 86Page - PMC-Sierra, Inc PM3350 Datasheet HTML 87Page - PMC-Sierra, Inc PM3350 Datasheet HTML 88Page - PMC-Sierra, Inc PM3350 Datasheet HTML 89Page - PMC-Sierra, Inc PM3350 Datasheet HTML 90Page - PMC-Sierra, Inc PM3350 Datasheet HTML 91Page - PMC-Sierra, Inc PM3350 Datasheet HTML 92Page - PMC-Sierra, Inc PM3350 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
87
port logic to reduce the frequency of request interrupts upon request by the firmware
when MaxBuffers goes to zero.
The RemoteDD field holds the 32-bit PCI address of the data descriptor at the head of
the remote device's frame transfer queue assigned to this ELAN 8x10 (i.e., the
counterpart of the local frame transfer queue maintained by the FirstDD/LastDD pair in
this expansion port descriptor.) This field is set up during system initialization. The
uppermost 8 bits are loaded with the 8 MSBs of the PCI base address of the remote
device. The lower 24 bits are loaded with the FirstDD field of the expansion port
descriptor in the remote device (i.e., the address of the empty data descriptor initially
allocated to the remote device's transmit queue.) After frame transfer from the remote
device begins, the uppermost 8 bits of the RemoteDD field remain the same, but the
lower 24 bits are progressively updated by the firmware as frames are copied from the
remote device. The frame transfer queue discipline described above makes the
updating of this field simple: the NextDD field of the last data descriptor to be copied
from the remote device is simply loaded into the lower 24 bits of the RemoteDD field. (It
will be obvious that the 24 LSBs of the RemoteDD field in this ELAN 8x10 device will
always equal the FirstDD field in the expansion port descriptor of the remote device,
i.e., the head of the frame transfer queue.)
As already noted, the expansion port descriptor corresponding to the index assigned to
the ELAN 8x10 device itself (i.e., the device implementing the expansion port
descriptor) is not used. Thus expansion port descriptor 0 in device 0 is not used,
expansion port descriptor 1 in device 1 is not used, and so on. (Obviously, it is
meaningless for a device to transfer frames to
itself across the PCI bus.)
Unlike local port descriptors, the data queued on an expansion port descriptor need not
be restricted to Ethernet frames. Inter-device messages are exchanged by formatting
them into packet buffers and then placing them on the expansion port descriptor
transfer queues corresponding to the target devices. The data descriptor flags should
be set up properly to ensure that the messages are handled specially by the remote
devices, and not treated as normal Ethernet frames. If the message is sufficiently
compact, the packet buffers may be dispensed with and the entire message can be
packed into the data descriptor; in this case, the FirstPB field of the data descriptor
should be set to a NULL.
The expansion port descriptor structures are all cached by the Switch Processor in its
data cache during normal operation; hence the in-memory copies of the expansion port
descriptors may be out-of-date, and cannot be read directly from the PCI bus interface
in a reliable manner unless a data cache flush is performed first via the message
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com