Electronic Components Datasheet Search
  English  ▼

X  

PM3350 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM3350
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM3350 Datasheet HTML 75Page - PMC-Sierra, Inc PM3350 Datasheet HTML 76Page - PMC-Sierra, Inc PM3350 Datasheet HTML 77Page - PMC-Sierra, Inc PM3350 Datasheet HTML 78Page - PMC-Sierra, Inc PM3350 Datasheet HTML 79Page - PMC-Sierra, Inc PM3350 Datasheet HTML 80Page - PMC-Sierra, Inc PM3350 Datasheet HTML 81Page - PMC-Sierra, Inc PM3350 Datasheet HTML 82Page - PMC-Sierra, Inc PM3350 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
77
PortNum:
8-bit logical port index assigned to the physical MAC channel with which this
port descriptor is associated.
MaxBuffers:
16-bit count of packet buffers that remain to be allocated to hold incoming
received frames; flow control or packet discard will be initiated when this
count goes to zero.
MulticastMask:
16-bit mask used to restrict broadcasts and multicasts received on this port to
a subset of the ports on this ELAN 8x10 and a subset of the devices in the
system.
BackoffMask:
16-bit mask used to limit the range of collision backoff values generated by
the truncated binary exponential backoff algorithm for this port. Note that only
the lower 10 bits are significant; the upper 6 bits of this field should always be
set to zero.
PortFlags:
8-bit per-port control flags.
TXFrames:
32-bit count of valid frames transmitted on this port.
TXOctets:
32-bit count of valid bytes transmitted on this port.
TXDeferred:
32-bit count of transmitted frames that experienced carrier deference during
the transmission process.
RXUcastFrames:
32-bit count of valid unicast frames received on this port.
RXUcastOctets:
32-bit count of valid bytes from unicast frames received on this port.
RXFrames64:
32-bit count of frames received on this port that were 64 bytes in size.
RXFrames65-127:
32-bit count of frames received on this port that ranged between 65 and 127
bytes in size, inclusive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com