Electronic Components Datasheet Search
  English  ▼

X  

CS42428 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192 kHz 8-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42428_05 Datasheet HTML 15Page - Cirrus Logic CS42428_05 Datasheet HTML 16Page - Cirrus Logic CS42428_05 Datasheet HTML 17Page - Cirrus Logic CS42428_05 Datasheet HTML 18Page - Cirrus Logic CS42428_05 Datasheet HTML 19Page - Cirrus Logic CS42428_05 Datasheet HTML 20Page - Cirrus Logic CS42428_05 Datasheet HTML 21Page - Cirrus Logic CS42428_05 Datasheet HTML 22Page - Cirrus Logic CS42428_05 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
DS605F1
19
CS42428
VL S
VD
AO UT A 1 +
24
0.1 µ F
+
10 µ F
10 0 µ F
0.1 µ F
+
+
17
18
VQ
FIL T +
36
37
0.1 µ F
4.7 µF
VA
+
10 µF
0.1 µ F
+1.8 V
to + 5 .0 V
51
53
AO U T A 1 -
AO UT B 1 +
35
34
AO U T B 1 -
AO UT A 2 +
32
33
AO U T A 2 -
AO UT B 2 +
31
30
AO U T B 2 -
AO UT A 3 +
28
29
AO U T A 3 -
AO UT B 3 +
27
26
AO U T B 3 -
AO UT A 4 +
22
23
AO U T A 4 -
AO UT B 4 +
21
20
AO U T B 4 -
MU T E C
38
25
DG ND DG ND
5
VL C
0.1 µF
6
3
60
59
62
1
64
61
2
63
8
7
SCL /CCL K
S D A/CDO UT
AD1 /CDIN
RST
12
9
OM C K
A DC_ L RCK
REF G ND
19
AD0 /CS
10
IN T
11
DVD
P roc es so r
55
RM CK
58
ADCIN1
57
ADCIN2
56
ADC_ S D O U T
48
46
44
45
47
43
41
4
VA
VD
0.1 µ F
AG N D
AG N D
52
40
LP F L T
39
AINL +
AINL -
A INR+
AINR-
15
16
14
13
42
GP O 1
GP O 2
GP O 3
GP O 4
GP O 5
GP O 6
GP O 7
DA C_ SDIN 1
ADC_ SCL K
DAC_ S D IN 3
DAC_ SDIN 2
DAC_ SDIN 4
DA C_ L RCK
DAC_ SCL K
0.01 µF
0.1 µ F
+
10 µ F
+5 V
0.01 µF
0.0 1 µ F
+ 3 .3 V to + 5 V
+
10 µF
0.1 µ F
0.0 1 µ F
27 M H z
A nalog O u tp u t B u ffe r 2
an d
M u te C irc uit (o ptio n a l)
A n alog O u tput B u ffer 2
and
M u te C irc uit (o ptiona l)
A n a log O u tp ut B u ffer 2
an d
M u te C irc uit (o ptiona l)
A n alog O u tput B u ffer 2
and
M u te C irc uit (o ptiona l)
A n a lo g O u tp u t B u ffe r 2
and
M u te C irc uit (o ptiona l)
A n alog O u tput B u ffer 2
and
M u te C irc uit (o ptiona l)
A nalog O u tp u t B u ffe r 2
an d
M u te C irc uit (o ptio n a l)
A n alog O u tput B u ffer 2
an d
M u te C irc uit (o ptio n a l)
Mu te
Driv e
(o p tio n a l)
*
*
270 0 pF *
2 700 p F *
Le ft A n alo g In p u t
R ig h t A n alog In p u t
A n alog
Inpu t
Bu ffe r 1
A n alog
Inpu t
Bu ffe r 1
* P u ll up or do w n as re quired on
startu p if th e M u te C o ntro l is
used.
C o n nect D G N D a nd A G N D a t sin g le po in t n ear C o d e c
CF IL T 3
RF IL T 3
CRIP 3
2 k
Ω
2 k
Ω
**
**
+V A
* * R e s is tors are re q u ired fo r
I2 C con tro l port op eratio n
1 . S ee th e A D C In p u t F ilter sectio n in th e A p pen dix .
2 . S ee th e D A C O u tp ut F ilter s e ction in th e A p pen dix.
3 . S ee th e P LL F ilter sectio n in th e A p p end ix .
Figure 6. Typical Connection Diagram using the PLL
CS42428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com