Electronic Components Datasheet Search
  English  ▼

X  

CS42428 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192 kHz 8-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42428_05 Datasheet HTML 16Page - Cirrus Logic CS42428_05 Datasheet HTML 17Page - Cirrus Logic CS42428_05 Datasheet HTML 18Page - Cirrus Logic CS42428_05 Datasheet HTML 19Page - Cirrus Logic CS42428_05 Datasheet HTML 20Page - Cirrus Logic CS42428_05 Datasheet HTML 21Page - Cirrus Logic CS42428_05 Datasheet HTML 22Page - Cirrus Logic CS42428_05 Datasheet HTML 23Page - Cirrus Logic CS42428_05 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
20
DS605F1
CS42428
4. APPLICATIONS
4.1
Overview
The CS42428 is a highly integrated mixed-signal 24-bit audio codec comprised of 2 analog-to-digital con-
verters (ADC), implemented using multi-bit delta-sigma techniques, and 8 digital-to-analog converters
(DAC). Other functions integrated within the codec include independent digital volume controls for each
DAC, digital de-emphasis filters for DAC, digital gain control for ADC channels, ADC high-pass filters, and
an on-chip voltage reference. All serial data is transmitted through one configurable serial audio interface
for the ADC with enhanced one-line modes of operation, allowing up to 6 channels of serial audio data on
one data line. All functions are configured through a serial control port operable in SPI mode or in I²C mode.
5 and 6 show the recommended connections for the CS42428.
The CS42428 operates in one of three oversampling modes based on the input sample rate. Mode selection
is determined by the FM bits in register “Functional Mode (address 03h)” on page 43. Single-Speed Mode
(SSM) supports input sample rates up to 50 kHz and uses a 128x oversampling ratio. Double-Speed Mode
(DSM) supports input sample rates up to 100 kHz and uses an oversampling ratio of 64x. Quad-Speed
Mode (QSM) supports input sample rates up to 192 kHz and uses an oversampling ratio of 32x.
Using the integrated PLL, a low-jitter clock is recovered from the ADC LRCK input signal. The recovered
clock or an externally supplied clock attached to the OMCK pin can be used as the System Clock.
4.2
Analog Inputs
4.2.1
Line-Level Inputs
AINR+, AINR-, AINL+, and AINL- are the line-level differential analog inputs. The analog signal must be
externally biased to VQ, approximately 2.7 V, before being applied to these inputs. The level of the signal
can be adjusted for the left and right ADC independently through the ADC Left and Right Channel Gain
Control Registers on page 55. The ADC output data is in two’s complement binary format. For inputs
above positive full scale or below negative full scale, the ADC will output 7FFFFFH or 800000H, respec-
tively and cause the ADC Overflow bit in the register “Interrupt Status (address 20h) (Read Only)” on
page 56 to be set to a ‘1’. The GPO pins may also be configured to indicate an overflow condition has
occurred in the ADC. See “General-Purpose Pin Control (addresses 29h to 2Fh)” on page 58 for proper
configuration. Figure 7 shows the full-scale analog input levels. See “ADC Input Filter” on page 61 for a
recommended input buffer.
AIN+
AIN-
Full-Scale Input Level= (AIN+) - (AIN-)= 5.6 Vpp
4.1 V
2.7 V
1.3 V
4.1 V
2.7 V
1.3 V
Figure 7. Full-Scale Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com