Electronic Components Datasheet Search
  English  ▼

X  

CS42428 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192 kHz 8-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42428_05 Datasheet HTML 30Page - Cirrus Logic CS42428_05 Datasheet HTML 31Page - Cirrus Logic CS42428_05 Datasheet HTML 32Page - Cirrus Logic CS42428_05 Datasheet HTML 33Page - Cirrus Logic CS42428_05 Datasheet HTML 34Page - Cirrus Logic CS42428_05 Datasheet HTML 35Page - Cirrus Logic CS42428_05 Datasheet HTML 36Page - Cirrus Logic CS42428_05 Datasheet HTML 37Page - Cirrus Logic CS42428_05 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
34
DS605F1
CS42428
4.5.4.4
OLM Config #4
This One-Line Mode configuration can support up to 8 channels of DAC data on 2 DAC_SDIN pins and 2
channels of ADC data and will handle up to 24-bit samples at a sampling frequency of 48 kHz on all chan-
nels for both the DAC and ADC. The output data stream of the internal ADCs can be configured to run at
the DAC_SP clock speeds or to run at the ADC_SP rate. The DAC_SP and ADC_SP can operate at differ-
ent Fs rates.
Register / Bit Settings
Description
Functional Mode Register (addr = 03h)
Set DAC_FMx = 00,01,10
DAC_LRCK can run at SSM, DSM, or QSM independent of ADC_LRCK
Set ADC_FMx = 00,01,10
ADC_LRCK can run at SSM, DSM, or QSM independent of DAC_LRCK
Set ADC_CLK_SEL = 0 or 1
Configure ADC_SDOUT to be clocked from the ADC_SP or DAC_SP
clocks.
Interface Format Register (addr = 04h)
Set DIFx bits to proper serial format
Select the digital interface format when not in One-Line Mode
Set ADC_OLx bits = 00
Set ADC operating mode to Not One-Line Mode since only 2 channels of
ADC are supported
Set DAC_OLx bits = 00,01,10
Select DAC operating mode, see table below for valid combinations
Misc. Control Register (addr = 05h)
Set DAC_SP M/S = 0 or 1
Set DAC Serial Port to Master Mode or Slave Mode.
Set ADC_SP M/S = 0 or 1
Set ADC Serial Port to Master Mode or Slave Mode.
Set EXT ADC SCLK = 0
External ADCs are not used. Leave bit in default state.
DAC Mode
Not One-Line Mode
One-Line Mode #1
One-Line Mode #2
ADC Mode
Not One-
Line Mode
DAC_SCLK=64Fs/128Fs
DAC_LRCK=SSM/DSM/QSM
ADC_SCLK=64Fs/128Fs
ADC_LRCK=SSM/DSM/QSM
DAC_SCLK=128Fs
DAC_LRCK=SSM/DSM
ADC_SCLK=64Fs/128Fs
ADC_LRCK=SSM/DSM/QSM
DAC_SCLK=256Fs
DAC_LRCK=SSM
ADC_SCLK=64Fs/128Fs
ADC_LRCK=SSM/DSM/QSM
One-Line
Mode #1
not valid
not valid
not valid
One-Line
Mode #2
not valid
not valid
not valid
SCLK_PO RT1
LRCK_PO RT1
SDIN_PO RT1
SDIN_PO RT2
SCLK_PO RT2
LRCK_PO RT2
SDOUT1_PORT2
SDOUT2_PORT2
SDOUT3_PORT2
SDOUT4_PORT2
RM CK
ADCIN1
ADCIN2
64Fs,128Fs, 256Fs
DIGITAL AUDIO
PRO CESSO R
ADC_SCLK
ADC_LRCK
ADC_SDO UT
DAC_SCLK
DAC_LRCK
DAC_SDIN1
DAC_SDIN2
DAC_SDIN3
DAC_SDIN4
64Fs,128Fs
MCLK
Figure 20. OLM Configuration #4
CS42428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com