Electronic Components Datasheet Search
  English  ▼

X  

CS42428 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192 kHz 8-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42428_05 Datasheet HTML 25Page - Cirrus Logic CS42428_05 Datasheet HTML 26Page - Cirrus Logic CS42428_05 Datasheet HTML 27Page - Cirrus Logic CS42428_05 Datasheet HTML 28Page - Cirrus Logic CS42428_05 Datasheet HTML 29Page - Cirrus Logic CS42428_05 Datasheet HTML 30Page - Cirrus Logic CS42428_05 Datasheet HTML 31Page - Cirrus Logic CS42428_05 Datasheet HTML 32Page - Cirrus Logic CS42428_05 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
DS605F1
29
CS42428
D AC_LRCK
ADC_LRCK
DAC_SCLK
ADC_SCLK
LS B
MSB
20 clks
64 clks
64 clks
LS B
MSB
LS B
MSB
LS B
MSB
LS B
MSB
LS B
MSB
MS B
DAC1
DA C3
D AC5
D AC2
DAC4
DAC6
20 clks
20 clks
20 clks
20 clks
20 clks
Left Channel
Right C hannel
20 clks
DAC 7
DAC8
20 clks
DAC_SDIN 4
20 clks
ADC 1
A DC3
A DC5
ADC2
ADC4
ADC6
20 clks
20 clks
20 clks
20 clks
20 clks
ADC_SDO UT
DAC_SDIN 1
Figure 14. One Line Mode #1 Serial Audio Format
One Line Data Mode #1, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
20
128 Fs
128 Fs
single-speed mode
128 Fs
128Fs
double-speed mode
LS B
MSB
24 clks
128 clks
LS B
MSB
LS B
MSB
LS B
MSB
LS B
MSB
LS B
MSB
MSB
DAC1
DAC3
D AC5
D AC2
D AC4
D AC6
24 clks
24 clks
24 clks
24 clks
24 clks
Left Channel
Right C hannel
24 clks
DAC 7
DAC8
24 clks
24 clks
ADC 1
A DC3
A DC5
ADC2
ADC4
ADC6
24 clks
24 clks
24 clks
24 clks
24 clks
128 clks
D AC_LRCK
A DC_LRCK
DAC_SCLK
A DC_SCLK
ADC_SDO UT
DAC_SDIN1
DAC_SDIN4
Figure 15. One Line Mode #2 Serial Audio Format
One Line Data Mode #2, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
24
256 Fs
not supported
single-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com