Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9FG104 Datasheet HTML 1Page - Integrated Device Technology ICS9FG104 Datasheet HTML 2Page - Integrated Device Technology ICS9FG104 Datasheet HTML 3Page - Integrated Device Technology ICS9FG104 Datasheet HTML 4Page - Integrated Device Technology ICS9FG104 Datasheet HTML 5Page - Integrated Device Technology ICS9FG104 Datasheet HTML 6Page - Integrated Device Technology ICS9FG104 Datasheet HTML 7Page - Integrated Device Technology ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K 04/12/07
ICS9FG104
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
2
XIN/CLKIN
1
28 VDDA
X2
2
27 GNDA
VDD
3
26 IREF
GND
4
25 **FS0
REFOUT
5
24 **FS1
**FS2
6
23 DIF_0
DIF_3
7
22 DIF_0#
DIF_3#
8
21 VDD
VDD
9
20 GND
GND 10
19 DIF_1
DIF_2 11
18 DIF_1#
DIF_2# 12
17 *SEL14M_25M#
SDATA 13
16 **SPREAD
SCLK 14
15 DIF_STOP#
* Pin has internal 120K pull up
** Pin has internal 120K pull down
Pin Configuration
VDD
GND
34
9,21
10,20
28
27
IREF, Analog VDD, GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs
DIF Outputs
Functionality Table
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT(MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.00
0
1
1
0
333.00
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.00
1
1
1
0
333.00
1
1
1
1
400.00
28-pin SSOP/TSSOP
Power Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com