Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology ICS9FG104 Datasheet HTML 10Page - Integrated Device Technology ICS9FG104 Datasheet HTML 11Page - Integrated Device Technology ICS9FG104 Datasheet HTML 12Page - Integrated Device Technology ICS9FG104 Datasheet HTML 13Page - Integrated Device Technology ICS9FG104 Datasheet HTML 14Page - Integrated Device Technology ICS9FG104 Datasheet HTML 15Page - Integrated Device Technology ICS9FG104 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K 04/12/07
ICS9FG104
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
12
Electrical Characteristics - REF-14.318/25 MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
0
300
ppm
1
14.318MHz output nominal
69.8270
69.8413 69.8550
ns
1
25.000MHz output nominal
39.9880
40.0000 40.0120
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.6
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.6
2
ns
1,2
Duty Cycle
dt1
VT = 1.5 V
45
52.5
55
%
1,2
Jitter
tjcyc-cyc
VT = 1.5 V
150
200
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at
14.31818MHz or 25 MHz
Clock period
Tperiod
Electrical Characteristics - Phase Jitter (Applies to: Revision D Devices, Revision ID = 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
PCIe Gen 1 specs
(1.5 - 22 MHz)
40
108
ps
1,2
FBD specs
(11-33 MHz)
3ps rms
1
PCIe Gen 2 specs
(5-16 MHz, 8-16 MHz)
2.23
3.1
ps rms
1
Notes on Phase Jitter:
2 Specification applies to revision C devices and later.
1 Applicable to all DIF outputs. See http://www.pcisig.com for complete specs. Guaranteed by design and characterization, not
tested in production.
Jitter, Phase
t
jphasePLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com