Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9FG104 Datasheet HTML 1Page - Integrated Device Technology ICS9FG104 Datasheet HTML 2Page - Integrated Device Technology ICS9FG104 Datasheet HTML 3Page - Integrated Device Technology ICS9FG104 Datasheet HTML 4Page - Integrated Device Technology ICS9FG104 Datasheet HTML 5Page - Integrated Device Technology ICS9FG104 Datasheet HTML 6Page - Integrated Device Technology ICS9FG104 Datasheet HTML 7Page - Integrated Device Technology ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICS9FG104
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K
04/12/07
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
DATASHEET
1
Description
The ICS9FG104 is a Frequency Timing Generator that provides 4
differential output pairs that are compliant to the Intel CK410
specification. It also provides support for PCI-Express and SATA.
The part synthesizes several output frequencies from either a
14.31818 Mhz crystal or a 25 MHz crystal. The device can also be
driven by a reference input clock instead of a crystal. It provides
outputs with cycle-to-cycle jitter of less than 50 ps and output-to-
output skew of less than 35 ps. The ICS9FG104 also provides a copy
of the reference clock. Frequency selection can be accomplished via
strap pins or SMBus control.
Key Specifications
•
Output cycle-to-cycle jitter < 50 ps
•
Output to output skew < 35 ps
•
+/-300 ppm frequency accuracy on output clocks
•
+/- 150 ppm frequency accuracy @ 100 MHz outputs
•
28-pin SSOP/TSSOP package
•
Available in RoHS compliant packaging
Features/Benefits
•
Generates common frequencies from 14.318 MHz or
25 MHz
•
Crystal or reference input
•
4 - 0.7V current-mode differential output pairs
•
Supports Serial-ATA at 100 MHz
•
Two spread spectrum modes: 0 to -0.5 downspread
and +/-0.25% centerspread
•
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
•
M/N Programming
Funtional Block Diagram
STOP
LOGIC
XIN/CLKIN
X2
DIF(3:0)
CONTROL
LOGIC
SPREAD
FS(2:0)
SDATA
SCLK
SEL14M_25M#
DIF_STOP#
PROGRAMMABLE
SPREAD PLL
4
IREF
2
OSC
R EF OU T


Similar Part No. - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
REV D 102912
ICS9FG104E RENESAS-ICS9FG104E_V01 Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
REV D 102912
More results

Similar Description - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com