Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG104 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9FG104 Datasheet HTML 4Page - Integrated Device Technology ICS9FG104 Datasheet HTML 5Page - Integrated Device Technology ICS9FG104 Datasheet HTML 6Page - Integrated Device Technology ICS9FG104 Datasheet HTML 7Page - Integrated Device Technology ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology ICS9FG104 Datasheet HTML 10Page - Integrated Device Technology ICS9FG104 Datasheet HTML 11Page - Integrated Device Technology ICS9FG104 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K 04/12/07
ICS9FG104
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
8
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PLL N Div7
RW
X
Bit 6
PLL N Div6
RW
X
Bit 5
PLL N Div5
RW
X
Bit 4
PLL N Div4
RW
X
Bit 3
PLL N Div3
RW
X
Bit 2
PLL N Div2
RW
X
Bit 1
PLL N Div1
RW
X
Bit 0
PLL N Div0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PLL SSP7
RW
X
Bit 6
PLL SSP6
RW
X
Bit 5
PLL SSP5
RW
X
Bit 4
PLL SSP4
RW
X
Bit 3
PLL SSP3
RW
X
Bit 2
PLL SSP2
RW
X
Bit 1
PLL SSP1
RW
X
Bit 0
PLL SSP0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
PLL SSP14
RW
X
Bit 5
PLL SSP13
RW
X
Bit 4
PLL SSP12
RW
X
Bit 3
PLL SSP11
RW
X
Bit 2
PLL SSP10
RW
X
Bit 1
PLL SSP9
RW
X
Bit 0
PLL SSP8
RW
X
SMBus Table: Reserved Test Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
1
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
-
-
Reserved Test Register. Do not write to this register, erratic device operation may occur.
-
-
-
-
Byte 14
-
-
-
Spread Spectrum
Programming bit(14:8)
These Spread Spectrum bits in
Byte 13 and 14 will program the
spread pecentage of PLL
-
-
-
-
-
-
-
Byte 13
-Reserved
Byte 12
-
Spread Spectrum
Programming bit(7:0)
These Spread Spectrum bits in
Byte 13 and 14 will program the
spread pecentage of PLL
-
-
-
-
-
-
The decimal representation of M
and N Divider in Byte 11 and 12 will
configure the PLL VCO frequency.
Default at power up = latch-in or
Byte 0 Rom table. VCO Frequency
= 14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
-
-
-
-
-
-
-
Byte 11
-
N Divider Programming
Byte11 bit(7:0) and Byte10
bit(7:6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com