Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT101VCVL4A Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PIMXRT101VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT101VCVL4A Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PIMXRT101VCVL4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 68Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 69Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 70Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 71Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
68
NXP Semiconductors
Electrical Characteristics
NOTE
The ADC electrical spec is met with the calibration enabled configuration.
Figure 36. Minimum Sample Time Vs Ras (Cas = 2pF)
Integral
Non-Linearity
12 bit mode
INL
—
2.78
4.01
LSB
AVGE = 1, AVGS =
11
10bit mode
—
0.61
1.01
8 bit mode
—
0.14
0.29
Offset Error3
12 bit mode
EO
—
-0.03
-0.07
%FSV
AVGE = 1, AVGS =
11
10bit mode
—
-0.03
-0.10
8 bit mode
—
-0.08
-0.14
Gain Error4
12 bit mode
Eg
—
0.01
0.03
%FSV
AVGE = 1, AVGS =
11
10bit mode
—
0.03
0.06
8 bit mode
—
0.07
0.15
Effective Number of
Bits
12 bit mode
ENOB
10.1
10.7
—
Bits
AVGE = 1, AVGS =
11
Signal to Noise plus
Distortion
See ENOB
SINAD
SINAD = 6.02 x ENOB + 1.76
dB
AVGE = 1, AVGS =
11
1 All accuracy numbers assume the ADC is calibrated with VREFH = VDDAD
2 Typical values assume VDDAD = 3.0 V, Temp = 25°C, Fadck= 20 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
3 Offset error is same as ZSE, error measured at 0 V with zero scale.
4 Gain error is FSE-ZSE (same as FSE-EO).
Table 55. 12-bit ADC characteristics (VREFH = VDDA, VREFL = VSSAD) (continued)
Characteristic
Conditions1
Symb
Min
Typ2
Max
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com