Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT101VCVL4A Datasheet(PDF) 98 Page - NXP Semiconductors

Part # PIMXRT101VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT101VCVL4A Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button PIMXRT101VCVL4A Datasheet HTML 94Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 95Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 96Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 97Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 98Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 99Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 100Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 101Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
98
NXP Semiconductors
Package information and contact assignments
GPIO_EMC_41
C7
NVCC_EMC
Digital
GPIO
ALT5
GPIO3.IO[27]
Input
Keeper
Input
Keeper
GPIO_SD_B0_00
J4
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[12]
Input
Keeper
Input
Keeper
GPIO_SD_B0_01
J3
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[13]
Input
Keeper
Input
Keeper
GPIO_SD_B0_02
J1
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[14]
Input
Keeper
Input
Keeper
GPIO_SD_B0_03
K1
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[15]
Input
Keeper
Input
Keeper
GPIO_SD_B0_04
H2
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[16]
Input
Keeper
Input
Keeper
GPIO_SD_B0_05
J2
NVCC_SD0
Digital
GPIO
ALT5
GPIO3.IO[17]
Input
Keeper
Input
Keeper
GPIO_SD_B1_00
L5
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[0]
Input
Keeper
Input
Keeper
GPIO_SD_B1_01
M5
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[1]
Input
Keeper
Input
Keeper
GPIO_SD_B1_02
M3
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[2]
Input
Keeper
Input
Keeper
GPIO_SD_B1_03
M4
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[3]
Input
Keeper
Input
Keeper
GPIO_SD_B1_04
P2
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[4]
Input
Keeper
Input
Keeper
GPIO_SD_B1_05
N3
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[5]
Input
Keeper
Input
Keeper
GPIO_SD_B1_06
L3
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[6]
Input
Keeper
Input
Keeper
GPIO_SD_B1_07
L4
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[7]
Input
Keeper
Input
Keeper
GPIO_SD_B1_08
P3
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[8]
Input
Keeper
Input
Keeper
GPIO_SD_B1_09
N4
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[9]
Input
Keeper
Input
Keeper
GPIO_SD_B1_10
P4
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[01]
Input
Keeper
Input
Keeper
GPIO_SD_B1_11
P5
NVCC_SD1
Digital
GPIO
ALT5
GPIO3.IO[11]
Input
Keeper
Input
Keeper
ONOFF
M6
VDD_SNVS_I
N
Digital
GPIO
ALT0
ONOFF
Input
100 K
PU
Input
100 K
PU
PMIC_ON_REQ
K7
VDD_SNVS_I
N
Digital
GPIO
ALT0
SNVS_LP.PMIC
_ON_REQ
Output
100 K
PU
Output
100 K
PU
Table 83. 10 x 10 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com