Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT101VCVL4A Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PIMXRT101VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT101VCVL4A Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PIMXRT101VCVL4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 68Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 69Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 70Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 71Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 72Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 73Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 74Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
71
Figure 39. LPSPI Master mode timing (CPHA = 0)
Table 57. LPSPI Master mode timing
Number
Symbol
Description
Min.
Max.
Units
Note
1
fSCK
Frequency of operation
—
fperiph / 2
Hz
1
1 Absolute maximum frequency of operation (fop) is 30 MHz. The clock driver in the LPSPI module for fperiph must be
guaranteed this limit is not exceeded.
2
tSCK
SCK period
2 x tperiph
—
ns
2
2 tperiph = 1 / fperiph
3
tLead
Enable lead time
1
—
tperiph
—
4
tLag
Enable lag time
1
—
tperiph
—
5
tWSCK
Clock (SCK) high or low time
tSCK / 2 - 3
—
ns
—
6
tSU
Data setup time (inputs) with SAMPLE set to
0
10
—
ns
3
3 SAMPLE is a bit field in register CFGR1, See the i.MX RT1060 Reference Manual (IMXRT1060RM) for further details.
Data setup time (inputs) with SAMPLE set to
1
2.7
—
ns
7
tHI
Data hold time (inputs)
2
—
ns
—
8
tV
Data valid (after SCK edge)
—
8
ns
—
9
tHO
Data hold time (outputs)
0
—
ns
—
(OUTPUT)
2
8
6
7
MSB IN
2
LSB IN
MSB OUT
2
LSB OUT
9
5
5
3
(CPOL=0)
4
SCK
SCK
(CPOL=1)
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
1. If configured as an output.
PCS
1
(OUTPUT)
(OUTPUT)
SOUT
(OUTPUT)
SIN
(INPUT)
BIT 6 . . . 1
BIT 6 . . . 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com