Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT101VCVL4A Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PIMXRT101VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT101VCVL4A Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PIMXRT101VCVL4A Datasheet HTML 81Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 82Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 83Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 84Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 85Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 86Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 87Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 88Page - NXP Semiconductors PIMXRT101VCVL4A Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
Boot mode configuration
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
85
5
Boot mode configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot mode configuration pins
Table 71 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see the i.MX RT1060
Fuse Map document and the System Boot chapter in i.MX RT1060 Reference Manual (IMXRT1060RM).
5.2
Boot device interface allocation
The following tables list the interfaces that can be used by the boot process in accordance with the specific
boot mode configuration. The tables also describe the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
Table 71. Fuses and associated pins used for boot
Pad
Default setting on reset
eFuse name
Details
GPIO_AD_B0_04
100 K pull-down
BOOT_MODE0
GPIO_AD_B0_05
100 K pull-down
BOOT_MODE1
GPIO_B0_04
100 K pull-down
BT_CFG[0]
Boot Options, Pin value overrides
fuse settings for BT_FUSE_SEL =
‘0’. Signal Configuration as Fuse
Override Input at Power Up.
These are special I/O lines that
control the boot up configuration
during product development. In
production, the boot configuration
can be controlled by fuses.
GPIO_B0_05
100 K pull-down
BT_CFG[1]
GPIO_B0_06
100 K pull-down
BT_CFG[2]
GPIO_B0_07
100 K pull-down
BT_CFG[3]
GPIO_B0_08
100 K pull-down
BT_CFG[4]
GPIO_B0_09
100 K pull-down
BT_CFG[5]
GPIO_B0_10
100 K pull-down
BT_CFG[6]
GPIO_B0_11
100 K pull-down
BT_CFG[7]
GPIO_B0_12
100 K pull-down
BT_CFG[8]
GPIO_B0_13
100 K pull-down
BT_CFG[9]
GPIO_B0_14
100 K pull-down
BT_CFG[10]
GPIO_B0_15
100 K pull-down
BT_CFG[11]
Table 72. Boot trough NAND
PAD Name
IO Function
ALT
Comments
GPIO_EMC_00
semc.DATA[0]
ALT 0
—
GPIO_EMC_01
semc.DATA[1]
ALT 0
—
GPIO_EMC_02
semc.DATA[2]
ALT 0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com