Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT802VCVL4A Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PIMXRT802VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT802VCVL4A Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PIMXRT802VCVL4A Datasheet HTML 34Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 35Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 36Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
38
NXP Semiconductors
Electrical Characteristics
4.3.1.3
LVDS I/O DC parameters
The LVDS interface complies with TIA/EIA 644-A standard. See TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
Table 23 shows the Low Voltage Differential Signaling (LVDS) I/O DC parameters.
4.3.2
I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
Figure 4 shows load circuit for output, and Figure 5 show the output transition time waveform.
Pull-up resistor (100_k
PU)
RPU_100K
Vin=0V
—
—
48
A
Pull-up resistor (100_k
PU)
RPU_100K
Vin=NVCC_XXXX
—
—
1
A
Pull-down resistor (100_k
PD)
RPD_100K
Vin=NVCC_XXXX
—
—
48
A
Pull-down resistor (100_k
PD)
RPD_100K
Vin=0V
—
—
1
A
Input current (no PU/PD)
IIN
VI = 0, VI = NVCC_XXXX
-1
—
1
A
Keeper Circuit Resistance
R_Keeper
VI =0.3 x NVCC_XXXX, VI = 0.7
x NVCC_XXXX
105
—
175
k
1 Overshoot and undershoot conditions (transitions above NVCC_XXXX and below GND) on switching pads must be held below
0.6 V, and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot
must be controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
2 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, Vil or Vih. Monotonic input transition time is from 0.1 ns to 1 s.
3 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 23. LVDS I/O DC characteristics1
1 Note: The LVDS interface is limited to CCM_CLK1_P and CCM_CLK1_N.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Differential Voltage
VOD
Rload-100  Diff
250
350
450
mV
Output High Voltage
VOH
IOH = 0 mA
1.25
1.375
1.6
V
Output Low Voltage
VOL
IOL = 0 mA
0.9
1.025
1.25
V
Offset Voltage
VOS
—
1.125
1.2
1.375
V
Table 22. Single voltage GPIO DC parameters (continued)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com