Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT802VCVL4A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIMXRT802VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT802VCVL4A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIMXRT802VCVL4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
i.MX RT1060 Introduction
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
11
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
Figure 1. Part number nomenclature—i.MX RT10XX family
Qualification level
M
M
Prototype samples
P
Mass production
M
Special
S
Silicon rev
A
A0
A
A1
B
Core frequency
$
400 MHz
4
500 MHz
5
600 MHz
6
Sub-family
##
RT101x
01
02
04
05
06
RT102x
RT104x
RT105x
RT106x
Tie
%
Standard feature
1
2
4
5
A
Full feature
4MB flash SIP
Enhanced feature
Far field AFE
Facial recognition
F
VoiceSeeker + VIT
V
C
P
D
S
VoiceSeeker + Cyberon
VoiceSeeker + VoiceSpot for Alexa
VoiceSeeker + Conversa
Local voice control (text input models)
Family
@
First generation RT family
1
Reserved
2-8
Part # series
XX
i.MX RT
RT
IMX
XX
@
##
%
+
VV
$
A
Package type
VV
225MAPBGA, 13 x 13 mm, 0.8 mm pitch
VN
196MAPBGA, 12 x 12 mm, 0.8 mm pitch
VJ
196MAPBGA, 10 x 10 mm, 0.65 mm pitch
VL
169MAPBGA, 11 x 11 mm, 0.8 mm pitch
JM
169MAPBGA, 9 x 9 mm, 0.65 mm pitch
FP
144LQFP, 20 x 20 mm, 0.5 mm pitch
AG
100LQFP, 14 x 14 mm, 0.5 mm pitch
AF
80LQFP, 12 x 12 mm, 0.5 mm pitch
AE
Temperature (Tj)
+
Consumer: 0 to +95°C
D
Industrial: -40 to +105°C
C
Extended industrial: -40 to +125°C
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com