Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT802VCVL4A Datasheet(PDF) 95 Page - NXP Semiconductors

Part # PIMXRT802VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT802VCVL4A Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button PIMXRT802VCVL4A Datasheet HTML 91Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 92Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 93Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 94Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 95Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 96Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 97Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 98Page - NXP Semiconductors PIMXRT802VCVL4A Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
Package information and contact assignments
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
95
GPIO_B0_10
D9
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[10]
Input
Keeper
Input
100 K
PD
GPIO_B0_11
A10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[11]
Input
Keeper
Input
100 K
PD
GPIO_B0_12
C10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[12]
Input
Keeper
Input
100 K
PD
GPIO_B0_13
D10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[13]
Input
Keeper
Input
100 K
PD
GPIO_B0_14
E10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[14]
Input
Keeper
Input
100 K
PD
GPIO_B0_15
E11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[15]
Input
Keeper
Input
100 K
PD
GPIO_B1_00
A11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[16]
Input
Keeper
Input
Keeper
GPIO_B1_01
B11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[17]
Input
Keeper
Input
Keeper
GPIO_B1_02
C11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[18]
Input
Keeper
Input
Keeper
GPIO_B1_03
D11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[19]
Input
Keeper
Input
Keeper
GPIO_B1_04
E12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[20]
Input
Keeper
Input
Keeper
GPIO_B1_05
D12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[21]
Input
Keeper
Input
Keeper
GPIO_B1_06
C12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[22]
Input
Keeper
Input
Keeper
GPIO_B1_07
B12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[23]
Input
Keeper
Input
Keeper
GPIO_B1_08
A12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[24]
Input
Keeper
Input
Keeper
GPIO_B1_09
A13
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[25]
Input
Keeper
Input
Keeper
GPIO_B1_10
B13
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[26]
Input
Keeper
Input
Keeper
GPIO_B1_11
C13
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[27]
Input
Keeper
Input
Keeper
GPIO_B1_12
D13
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[28]
Input
Keeper
Input
Keeper
GPIO_B1_13
D14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[29]
Input
Keeper
Input
Keeper
GPIO_B1_14
C14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO2.IO[30]
Input
Keeper
Input
Keeper
Table 83. 10 x 10 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com