Electronic Components Datasheet Search
  English  ▼

X  

PM73122 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM73122
Description  32 LINK CES/DBCES AAL1 SAR PROCESSOR
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73122 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM73122 Datasheet HTML 22Page - PMC-Sierra, Inc PM73122 Datasheet HTML 23Page - PMC-Sierra, Inc PM73122 Datasheet HTML 24Page - PMC-Sierra, Inc PM73122 Datasheet HTML 25Page - PMC-Sierra, Inc PM73122 Datasheet HTML 26Page - PMC-Sierra, Inc PM73122 Datasheet HTML 27Page - PMC-Sierra, Inc PM73122 Datasheet HTML 28Page - PMC-Sierra, Inc PM73122 Datasheet HTML 29Page - PMC-Sierra, Inc PM73122 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 489 page
background image
RELEASED
PM73122 AAL1GATOR-32
DATASHEET
PMC-1981419
ISSUE 7
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
CHANGES FROM REV. A TO REV. B
There are four main changes when transitioning from Rev. A to Rev. B:
1. The DEV_ID has changed from 0000 to 0001.
2. The JTAG version number has changed from 0 to 1.
3. The SHIFT_CAS feature which allows the signaling to be aligned with the first
nibble of data has been added. This feature is enabled by setting
SHIFT_CAS in the LIN_STR_MODE register.
4. The capability to have a separate C1FP for the ADD and DROP side of the
SBI bus has been added. In Rev. A there is only one C1FP pin, but Rev. B
has the option to support two separate C1FP pins. The original C1FP pin
becomes the C1FP for the drop side of the SBI bus and the new pin,
C1FP_ADD, is the C1FP for the add side of the SBI bus. Rev. B defaults to
using one C1FP pin which makes it backwards compatible with Rev. A, but
two C1FP capability can be enabled by setting TWO_C1FP_EN in the
SBI_BUS_CFG_REG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com