Electronic Components Datasheet Search
  English  ▼

X  

PM73122 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM73122
Description  32 LINK CES/DBCES AAL1 SAR PROCESSOR
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73122 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM73122 Datasheet HTML 40Page - PMC-Sierra, Inc PM73122 Datasheet HTML 41Page - PMC-Sierra, Inc PM73122 Datasheet HTML 42Page - PMC-Sierra, Inc PM73122 Datasheet HTML 43Page - PMC-Sierra, Inc PM73122 Datasheet HTML 44Page - PMC-Sierra, Inc PM73122 Datasheet HTML 45Page - PMC-Sierra, Inc PM73122 Datasheet HTML 46Page - PMC-Sierra, Inc PM73122 Datasheet HTML 47Page - PMC-Sierra, Inc PM73122 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 489 page
background image
RELEASED
PM73122 AAL1GATOR-32
DATASHEET
PMC-1981419
ISSUE 7
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
TATM_ENB/RPHY_ENB
/RENB
Bidi
H24
ATM: Transmit UTOPIA ATM Layer
Enable is an active low signal
asserted by the AAL1gator-32
during cycles when TATM_D
contains valid data. It is not asserted
until the AAL1gator-32 is ready to
send a full cell.
PHY: Receive UTOPIA/Any-PHY
PHY Layer Enable is an active low
signal asserted by the ATM layer to
indicate RPHY_D and RPHY_SOC
will be sampled at the end of the
next cycle. If UTOP_MODE in
UI_SRC_CFG is set to UTOPIA
Level 2 Mode then the AAL1gator-
32 will drive data only if RPHY_ADD
matches CFG_ADDR in the
UI_SRC_ADD_CFG register the
cycle before RPHY_ENB goes low.
Any-PHY: This pin is the RENB
input signal, which functions the
same as RPHY_ENB. The only
difference is that data is driven two
cycles after selection instead of just
one cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com