Electronic Components Datasheet Search
  English  ▼

X  

PM73122 Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM73122
Description  32 LINK CES/DBCES AAL1 SAR PROCESSOR
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73122 Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM73122 Datasheet HTML 1Page - PMC-Sierra, Inc PM73122 Datasheet HTML 2Page - PMC-Sierra, Inc PM73122 Datasheet HTML 3Page - PMC-Sierra, Inc PM73122 Datasheet HTML 4Page - PMC-Sierra, Inc PM73122 Datasheet HTML 5Page - PMC-Sierra, Inc PM73122 Datasheet HTML 6Page - PMC-Sierra, Inc PM73122 Datasheet HTML 7Page - PMC-Sierra, Inc PM73122 Datasheet HTML 8Page - PMC-Sierra, Inc PM73122 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 489 page
background image
RELEASED
PM73122 AAL1GATOR-32
DATASHEET
PMC-1981419
ISSUE 7
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
iii
Issue
No.
Issue Date
Details of Change
7
June 2001
Changed DC_INT_EN to SYNC_INT_EN in operations section.
In DC Characteristics, corrected IDDOP(2.7) for HS mode.
In Operations section, clarified function of SBI Parity Error Detection and recommended setting
the BUSMASTER bit in the PHY SBI device.
Added note at beginning of AC Characteristics recommending that transition times on clock inputs
is less than 15 ns.
Corrected Ram Interface Timing
In Memory Mapped Register Section added CSD_BYTES_LEFT register definition in
T_QUEUE_TABLE. Added hidden bits in QUE_CREDITS word and added
R_DBCES_BM_IN_NEXT to R_TOT_LEFT memory register and changed
R_DBCES_BM_IN_NEXT bit to R_DBCES_BM_INACT in R_STATE_0 memory register.
Clarified C1FP signal definition in SBI Signal Definition section.
Changed “Out of Band” idle detection mode to “Processor Controlled” idle detection mode in Idle
Detection section of Functional Description.
Updated PCR section in Functional Description
Added SRTS patent legal note to footer of last page
Corrected T1/E1 Link Rate Table (reversed polarity of C1FP)
Corrected cross reference in ADD QUEUE FIFO section
Removed equations from partial cell PCR section and replaced with summary table.
Added reference by RL_CLK that clock can not be gapped and must have jitter less than .3 UI if
using SRTS.
Added minor clarifications, including: R_LINE_STATE location not used in UDF-HS mode,
explanation of PCR for UDF-ML, removed references to E3 over SBI, added recommendation to
tie unused TL_CLK pins high in UDF-HS modes, renamed RPHY_ADD_RSX pin to
RPHY_ADD[4]/RSX to match Tx side, removed ‘sampled on rising edge’ from ADETECT pin
description, added that PAGE bit is a don’t care when accessing SBI Control RAM’s, clarified max
RSTB timing and max 400 SYSCLK rd/wr timing, clarified T1/E1 granularity in SBI mode(at
DA1SP level), E1_w_T1_sig mode not supported over SBI, clarified that SN state machines
freeze during underruns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com