Electronic Components Datasheet Search
  English  ▼

X  

LP8762-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8762-Q1
Description  LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8762-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LP8762-Q1 Datasheet HTML 1Page - Texas Instruments LP8762-Q1 Datasheet HTML 2Page - Texas Instruments LP8762-Q1 Datasheet HTML 3Page - Texas Instruments LP8762-Q1 Datasheet HTML 4Page - Texas Instruments LP8762-Q1 Datasheet HTML 5Page - Texas Instruments LP8762-Q1 Datasheet HTML 6Page - Texas Instruments LP8762-Q1 Datasheet HTML 7Page - Texas Instruments LP8762-Q1 Datasheet HTML 8Page - Texas Instruments LP8762-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
4 Device Comparison Table
The LP8762-Q1 device family has several sub-family variants as outlined below:
Table 4-1. Device Sub-Family Variants
Sub-Family
Variant
Orderable Part Number
DC/DC Configuration
LP87621-Q1
LP87621xyyRQKRQ1
One 4-phase output
LP87622-Q1
LP87622xyyRQKRQ1
One 3-phase and One 1-phase outputs
LP87623-Q1
LP87623xyyRQKRQ1
One 2-phase and two 1-phase outputs
LP87624-Q1
LP87624xyyRQKRQ1
Four 1-phase outputs
LP87625-Q1
LP87625xyyRQKRQ1
Two 2-phase outputs
Each of these sub-families have non-volatile memory (NVM) and other configuration options. The NVM option is
configured by Texas Instruments, generating unique device configurations with specific orderable part numbers
represented by the YY in the part numbers. Please see the Technical Reference Manual of the specific LP8762-
Q1 device for the NVM configuration implemented.
The orderable part numbering of these sub-families is summarized by:
Figure 4-1. Orderable Part Numbering
www.ti.com
LP8762-Q1
SNVSCV7 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP8762-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com