Electronic Components Datasheet Search
  English  ▼

X  

LP8762-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP8762-Q1
Description  LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8762-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8762-Q1 Datasheet HTML 9Page - Texas Instruments LP8762-Q1 Datasheet HTML 10Page - Texas Instruments LP8762-Q1 Datasheet HTML 11Page - Texas Instruments LP8762-Q1 Datasheet HTML 12Page - Texas Instruments LP8762-Q1 Datasheet HTML 13Page - Texas Instruments LP8762-Q1 Datasheet HTML 14Page - Texas Instruments LP8762-Q1 Datasheet HTML 15Page - Texas Instruments LP8762-Q1 Datasheet HTML 16Page - Texas Instruments LP8762-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SW_B3
SW_B4
VIN
FB_B3
FB_B4
L3
L4
CIN1 CIN2 CIN3 CIN4
VOUT3
COUT4
LOAD
COUT3
LOAD
VOUT4
SW_B1
SW_B2
FB_B1
L1
L2
VOUT1
COUT2
LOAD
COUT1
LOAD
VOUT2
FB_B2
CPOL1
CPOL2
CPOL4
CPOL3
Copyright © 2022, Texas Instruments Incorporated
VCCA
CVCCA
VIO
VIO
CVIO
PVIN_B1...4
SDA_I2C1/
SDI_SPI
SCL_I2C1/
SCK_SPI
nINT
GPIO1...10
AGNDs
PGND
VOUT_LDO
CLDOVINT
Figure 7-4. Four 1-Phase configuration
SW_B1
SW_B2
VIN
FB_B1
FB_B2
VOUT1
LOAD
L2
L1
COUT1 COUT2
CIN1 CIN2 CIN3 CIN4
CPOL1
AGNDs
PGND
Copyright © 2022, Texas Instruments Incorporated
SW_B3
SW_B4
FB_B3
FB_B4
VOUT3
LOAD
L4
L3
COUT3 COUT4
CPOL3
VCCA
CVCCA
VIO
VIO
CVIO
PVIN_B1...4
SDA_I2C1/
SDI_SPI
SCL_I2C1/
SCK_SPI
nINT
GPIO1...10
VOUT_LDO
CLDOVINT
Figure 7-5. Dual 2-Phase configuration
www.ti.com
LP8762-Q1
SNVSCV7 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP8762-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com