Electronic Components Datasheet Search
  English  ▼

X  

LP8762-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8762-Q1
Description  LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8762-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LP8762-Q1 Datasheet HTML 1Page - Texas Instruments LP8762-Q1 Datasheet HTML 2Page - Texas Instruments LP8762-Q1 Datasheet HTML 3Page - Texas Instruments LP8762-Q1 Datasheet HTML 4Page - Texas Instruments LP8762-Q1 Datasheet HTML 5Page - Texas Instruments LP8762-Q1 Datasheet HTML 6Page - Texas Instruments LP8762-Q1 Datasheet HTML 7Page - Texas Instruments LP8762-Q1 Datasheet HTML 8Page - Texas Instruments LP8762-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
1 Features
• AEC-Q100 qualified with the following results:
– Input voltage: 2.8V to 5.5V
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification Level 2
– Device CDM ESD classification Level C4B
• Functional safety-compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL-D
– Documentation available to aid IEC 61508
system design up to SIL-3
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Windowed voltage and over-current monitors
– Watchdog with selectable trigger / Q&A mode
– Level or PWM error signal monitoring (ESM)
– Thermal monitoring with high temperature
warning and thermal shutdown
– Bit-integrity (CRC) error detection on
configuration registers and non-volatile memory
• Four high-efficiency step-down DC/DC converters:
– Output voltage: 0.3V to 3.34V (0.3V to 1.9V for
multi-phase outputs)
– Maximum output current: 3A per phase, up to
12A with 4-phase configuration
– Programmable output voltage slew-rate:
0.5mV/µs to 33mV/µs
– Switching frequency: 2.2MHz or 4.4MHz
• Ten configurable general purpose I/O (GPIO)
• SPMI interface for multi-PMIC synchronization
• Input overvoltage monitor (OVP) and undervoltage
lockout (UVLO)
.
.
SW_B1
SW_B2
SW_B3
SW_B4
PVIN_B1
PVIN_B2
VCCA
VIN
FB_B1
FB_B2
Configurable
multi-phase
1 - 4
Outputs
FB_B3
FB_B4
SCL_I2C1/SCK_SPI
SDA_I2C1/SDI_SPI
nINT
GPIO1...10
GNDs
Copyright © 2019, Texas Instruments Incorporated
VOUT_LDO
VIO
VIO
PVIN_B3
PVIN_B4
Simplified Schematic
2 Applications
• Advanced driver assistance systems (ADAS)
• Front camera
• Surround view system ECU
• Long range radar
• Sensor fusion
• Domain controller
3 Description
The LP8762-Q1 device is designed to meet the power
management requirements of the latest processors
and platforms in various safety-relevant automotive
and industrial applications. The device has four step-
down DC/DC converter cores, that are configurable
for five different phase configurations from one 4-
phase output to four 1-phase outputs. The device
settings can be changed by I2C-compatible serial
interface or by a SPI serial interface.
The automatic PFM/PWM (AUTO mode) operation
together with the automatic phase adding and phase
shedding maximizes efficiency over a wide output-
current range. The LP8762-Q1 device supports
remote differential voltage sensing for multiphase
outputs to compensate IR drop between the regulator
output and the point-of-load (POL) that improves the
accuracy of the output voltage. The switching clock
can be forced to PWM mode and the phases are
interleaved. The switching can be synchronized to
an external clock and spread-spectrum mode can be
enabled to minimize the disturbances.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
LP8762-Q1
VQFN-HR (32)
5.50mm × 5.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Output current (A)
0
0.5
1
1.5
2
2.5
3
60
65
70
75
80
85
90
95
2.2 MHz, 0.8 V
4.4 MHz, 0.8 V
2.2 MHz, 1.2 V
4.4 MHz, 1.2 V
2.2 MHz, 1.8 V
4.4 MHz, 1.8 V
Efficiency vs Output Current (1-phase)
LP8762-Q1
SNVSCV7 – OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8762-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8762-Q1 TI2-LP8762-Q1 Datasheet
1Mb / 21P
LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
OCTOBER 2024
More results

Similar Description - LP8762-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87561I-Q1 TI1-LP87561I-Q1 Datasheet
988Kb / 75P
Four-Phase 16-A Buck Converter With Integrated Switches
LP87521-Q1 TI1-LP87521-Q1_V02 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1 Datasheet
1,011Kb / 38P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
LP87521-Q1 TI-LP87521-Q1_V03 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1_V01 Datasheet
10Mb / 306P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V05 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V02 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V06 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V03 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI1-LP87521-Q1_V07 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com