Electronic Components Datasheet Search
  English  ▼

X  

LP8762-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8762-Q1
Description  LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8762-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8762-Q1 Datasheet HTML 4Page - Texas Instruments LP8762-Q1 Datasheet HTML 5Page - Texas Instruments LP8762-Q1 Datasheet HTML 6Page - Texas Instruments LP8762-Q1 Datasheet HTML 7Page - Texas Instruments LP8762-Q1 Datasheet HTML 8Page - Texas Instruments LP8762-Q1 Datasheet HTML 9Page - Texas Instruments LP8762-Q1 Datasheet HTML 10Page - Texas Instruments LP8762-Q1 Datasheet HTML 11Page - Texas Instruments LP8762-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
CONNECTION IF
NOT USED
NO.
NAME
30
PVIN_B4
—
Power
Power input for BUCK4. The separate power pins PVIN_Bx are not connected
together internally – PVIN_Bx and VCCA pins must be connected together in
the application and be locally bypassed.
System supply
31
SW_B4
—
Analog
BUCK4 switch node.
Floating
32
GPIO10
I/O
Digital
Primary function: General Purpose Input/Output signal. When configured as
an output pin, it can be included as part of the power sequencer output signal
to enable an external regulator.
Input: Ground,
Output: Floating
O
Digital
Alternative programmable function: nRSTOUT - System reset or power on
reset output (low = reset).
Floating
O
Digital
Alternative programmable function: nRSTOUT_SOC - System reset or power
on reset output (low = reset).
Floating
I
Digital
Alternative programmable function: nSLEEP1 or nSLEEP2, which are the
sleep request signals for the device to go to lower power states (Active Low).
Ground
I
Digital
Alternative programmable function: WKUP1 or WKUP2, which are the wake-
up request signals for the device to go to higher power states.
Ground
LP8762-Q1
SNVSCV7 – OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP8762-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com