Electronic Components Datasheet Search
  English  ▼

X  

PM7324 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7324
Description  S/UNI-ATM LAYER SOLUTION
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7324 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7324 Datasheet HTML 35Page - PMC-Sierra, Inc PM7324 Datasheet HTML 36Page - PMC-Sierra, Inc PM7324 Datasheet HTML 37Page - PMC-Sierra, Inc PM7324 Datasheet HTML 38Page - PMC-Sierra, Inc PM7324 Datasheet HTML 39Page - PMC-Sierra, Inc PM7324 Datasheet HTML 40Page - PMC-Sierra, Inc PM7324 Datasheet HTML 41Page - PMC-Sierra, Inc PM7324 Datasheet HTML 42Page - PMC-Sierra, Inc PM7324 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 473 page
background image
S/UNI-ATLAS
PM7324 S/UNI-ATLAS
DATASHEET
PMC-1971154
ISSUE 7
S/UNI-ATM LAYER SOLUTION
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
ESD[15]
ESD[14]
ESD[13]
ESD[12]
ESD[11]
ESD[10]
ESD[9]
ESD[8]
ESD[7]
ESD[6]
ESD[5]
ESD[4]
ESD[3]
ESD[2]
ESD[1]
ESD[0]
I/O
A13
B13
C13
A12
B12
D13
C12
A11
B11
D12
C11
A10
B10
D11
C10
A9
Continued
ESP[3]
ESP[2]
ESP[1]
ESP[0]
I/O
D19
B20
A20
C19
The Egress VC Table SRAM parity (ESP[3:0]) pins provide parity
protection over the ESD[31:0] data bus.
ESP[0] completes the odd parity for ESD[7:0]
ESP[1] completes the odd parity for ESD[15:8]
ESP[2] completes the odd parity for ESD[23:16]
ESP[3] completes the odd parity for ESD[31:24]
ESP[3:0] has the same timing as ESD[31:0]. When data are
being written into the SRAM, the ATLAS generates correct parity.
When data are being read from the SRAM, the ATLAS asserts a
maskable interrupt indication upon parity error detection. No
other action is taken, therefore, the ESP[3:0] may be
unconnected if parity protection is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com