Electronic Components Datasheet Search
  English  ▼

X  

PM7324 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM7324
Description  S/UNI-ATM LAYER SOLUTION
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7324 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM7324 Datasheet HTML 9Page - PMC-Sierra, Inc PM7324 Datasheet HTML 10Page - PMC-Sierra, Inc PM7324 Datasheet HTML 11Page - PMC-Sierra, Inc PM7324 Datasheet HTML 12Page - PMC-Sierra, Inc PM7324 Datasheet HTML 13Page - PMC-Sierra, Inc PM7324 Datasheet HTML 14Page - PMC-Sierra, Inc PM7324 Datasheet HTML 15Page - PMC-Sierra, Inc PM7324 Datasheet HTML 16Page - PMC-Sierra, Inc PM7324 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 473 page
background image
S/UNI-ATLAS
PM7324 S/UNI-ATLAS
DATASHEET
PMC-1971154
ISSUE 7
S/UNI-ATM LAYER SOLUTION
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC AND FOR ITS CUSTOMERS’ INTERNAL USE
5
1.1
Policing
•
Policing is performed in the ingress direction for adherence to peak cell rate (PCR), cell delay
variation tolerance (CDVT), sustained cell rate (SCR) and burst tolerance (BT). Violating cells
can be noted, dropped or tagged.
•
Policing is performed using the virtual scheduling Generic Cell Rate Algorithm (GCRA)
described in ITU-T I.371.
•
Two policing instantiations available per VC. The policed cell streams can be any combination
of user cells, OAM cells, Resource Management, high priority cells or low priority cells.
•
Per-PHY policing may also be enabled. Each of 32 PHY devices may have a single leaky
bucket enabled, in addition to the dual leaky bucket of the connection. Violating cells can be
noted (counted only), dropped or tagged.
1.2
Cell Counting
•
Counts maintained on a per-VC basis include total low priority cells, total high priority cells
and cells violating the traffic contract. Per-VC counts are maintained for both the ingress and
egress directions.
•
Counts maintained on a per-PHY basis (in both the Ingress and Egress directions) include:
number of CLP0 cells received, number of CLP1 cells received, number of OAM cells
received, number of RM cells received, number of errored OAM cells, number of errored RM
cells, number of cells with unassigned/invalid VPI/VCI/PTI and the number of cells received
with a non-zero GFC (ingress UNI only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com