Electronic Components Datasheet Search
  English  ▼

X  

PM7324 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7324
Description  S/UNI-ATM LAYER SOLUTION
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7324 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7324 Datasheet HTML 67Page - PMC-Sierra, Inc PM7324 Datasheet HTML 68Page - PMC-Sierra, Inc PM7324 Datasheet HTML 69Page - PMC-Sierra, Inc PM7324 Datasheet HTML 70Page - PMC-Sierra, Inc PM7324 Datasheet HTML 71Page - PMC-Sierra, Inc PM7324 Datasheet HTML 72Page - PMC-Sierra, Inc PM7324 Datasheet HTML 73Page - PMC-Sierra, Inc PM7324 Datasheet HTML 74Page - PMC-Sierra, Inc PM7324 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 473 page
background image
S/UNI-ATLAS
PM7324 S/UNI-ATLAS
DATASHEET
PMC-1971154
ISSUE 7
S/UNI-ATM LAYER SOLUTION
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC AND FOR ITS CUSTOMERS’ INTERNAL USE
63
8.5
Egress VC Table
The Egress VC Table is a 16 row 32 bit data structure which contains context information for up to
65536 connections.
Table 9 Egress VC Table
ESA
[19:16]
31
0
Activation Field[2:0]
Connection Identifier Field [28:0]
0000
Active
(1)
PM
Active2
(1)
PM
Active
(1)
NNI
(1)
VPI
(12)
VCI
(16)
0001
Reserved
(1)
COS_
Enable
(1)
VPC Pointer
(16)
PM Addr2
(7)
PM Addr1
(7)
0010
Status
(7)
Internal Status
(16)
OAM Configuration
(9)
0011
Received End-to-
End AIS Defect Type
(8)
Received Segment
AIS Defect Type
(8)
Configuration
(11)
PHYID
(5)
0100
Egress Cell Count 1 (32)
0101
Egress Cell Count 2 (32)
0110
Alternate Egress Cell Count 1 (32)
0111
Alternate Egress Cell Count 2 (32)
1000
Received End-to-End AIS Defect Location [127:96] (Most Significant Bytes)
1001
Received End-to-End AIS Defect Location [95:64]
1010
Received End-to-End AIS Defect Location [63:32]
1011
Received End-to-End AIS Defect Location [31:0] (Least Significant Bytes)
1100
Received Segment AIS Defect Location [127:96] (Most Significant Bytes)
1101
Received Segment AIS Defect Location [95:64]
1110
Received Segment AIS Defect Location [63:32]
1111
Received Segment AIS Defect Location [31:0] (Least Significant Bytes)
The Egress VC Table requires 512 bits per connection, however, not all rows need
be populated with RAM if not all features are used. Unused bits should be set to
zero for backward compatibility with future devices within the ATLAS family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com