Electronic Components Datasheet Search
  English  ▼

X  

PM7340-PI Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM7340-PI
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340-PI Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM7340-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 30Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
16
9
PIN DESCRIPTION
Receive Slave ATM Interface (Any-PHY mode) (28 Signals)
Pin Name
Type
Pin
No.
Function
RCLK
Input
T21
The Receive Clock (RCLK) signal is used to
transfer data blocks from the S/UNI-IMA-8 across
the receive Any-PHY interface.
The RPA, RSOP, RSX, RDAT[15:0], and RPRTY
outputs are updated on the rising edge of RCLK.
The RENB, RADR[4:0], and RCSB inputs are
sampled on the rising edge of RCLK.
The RCLK input must cycle at a 52 MHz or lower
instantaneous rate.
RPA
Tristate
Output
AB22 The Receive Packet Available (RPA) is an active
high signal that indicates whether at least one cell is
queued for transfer.
The S/UNI-IMA-8 device drives the RPA with the cell
availability status two RCLK cycles after RADR[4:0]
matches the S/UNI IMA’s device address. The RPA
output is high-impedance at all other times.
The RPA output is updated on the rising edge of
RCLK.
RENB
Input
W20
The Receive Enable Bar (RENB) is an active low
signal used to initiate the transfer of cells from the
S/UNI-IMA-8 to an ATM layer component, such as a
traffic management device.
The RENB input is sampled on the rising edge of
RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com