Electronic Components Datasheet Search
  English  ▼

X  

PM7340-PI Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM7340-PI
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340-PI Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM7340-PI Datasheet HTML 86Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 87Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 88Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 89Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
73
Unusable_link
Force Links to an unusable state and provide
the cause.
For Rx Links, if the cause is inhibited, the links
are taken through the blocking state to preserve
data sent prior the link being inhibited. If the
cause is a fault or a failure condition, the link is
taken directly to the UNUSABLE state. At this
point, data would have already begun to be
discarded due to the defects detected on the
link.
For Tx Links, data will stop being accepted on
the Unusable links and IMA frames will be
generated consisting of filler cells.
Update_test_ptn
Update the TX test pattern info to be sent in the
outgoing ICP cells.
This command is used to activate, deactivate,
or change the test pattern that is being sent out
on the Group.
Update_TX_TRL
Update the transmit TRL.
When a TRL is changed, three steps are
performed: (1) the TRL sent in the ICP cell is
changed;(2) the TRL used for calculating the
IDCC is changed, and (3) the TRL used in the
stuffing algorithm is changed.
Read_event
Read and clear the latched event status, and
read the link/group status of the specified group
and all its links.
The result read from the internal context
memory is stored in Cmd_data00 through
Cmd_data1F. Refer to RIPP Command Data
Registers for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com