Electronic Components Datasheet Search
  English  ▼

X  

PM7340-PI Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM7340-PI
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340-PI Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM7340-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
9.2 Transmit Slave Interface (ANY-PHY mode) (30 Signals)
Pin Name
Type
Pin
No.
Function
TCLK
Input
E19 The Transmit Clock (TCLK) signal is used to
transfer cells across the ANY-PHY interface to the
internal downstream cell buffers.
The TPA output is updated on the rising edge of
TCLK.
The TENB. TSX, TSOP, TDAT[15:0], TPRTY,
TADR[6:0], and TCSB inputs are sampled on the
rising edge of TCLK.
The TCLK input must cycle at a 52 MHz or lower
instantaneous rate.
TPA
Tristate
Output
L22 The Transmit Packet Available (TPA) is an active
high signal that indicates the availability of space in
the selected logical channel FIFO when polled using
the TADR[6:0] signals.
The S/UNI-IMA-8 device drives TPA with the cell
availability status of the polled port two TCLK cycles
after TADR[6:0] matches the S/UNI IMA’s device
address. The TPA output is high-impedance at all
other times.
The TPA output is updated on the rising edge of
TCLK.
TENB
Input
L20 The Transmit enable bar (TENB) is an active low
signal that is used to indicate cell transfers to the
internal cell buffers.
The TENB input is sampled on the rising edge of
TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com