Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  xx555 Precision Timers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SA555 Datasheet HTML 4Page - Texas Instruments SA555 Datasheet HTML 5Page - Texas Instruments SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments SA555 Datasheet HTML 11Page - Texas Instruments SA555 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Lowest Level of Trigger Pulse – ×VCC
TA = 125 C
°
TA = 70 C
°
TA = 25 C
°
TA = 0 C
°
TA = –55 C
°
8
1
0.995
0.990
0.985
−75
−25
25
1.005
1.010
1.015
75
125
TA − Free-Air Temperature − °C
−50
0
50
100
VCC = 10 V
8
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
Data for temperatures below –40°C and above 105°C are applicable for SE555 circuits only.
Figure 7. Normalized Output Pulse Duration
Figure 8. Propagation Delay Time
(Monostable Operation)
vs
vs
Lowest Voltage Level of Trigger Pulse
Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 1973–2014, Texas Instruments Incorporated
Product Folder Links: NA555 NE555 SA555 SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com