Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  xx555 Precision Timers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments SA555 Datasheet HTML 11Page - Texas Instruments SA555 Datasheet HTML 12Page - Texas Instruments SA555 Datasheet HTML 13Page - Texas Instruments SA555 Datasheet HTML 14Page - Texas Instruments SA555 Datasheet HTML 15Page - Texas Instruments SA555 Datasheet HTML 16Page - Texas Instruments SA555 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
4
8
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The xx555 timer devices use resistor and capacitor charging delay to provide a programmable time delay or
operating frequency. This section presents a simplified discussion of the design process.
9.2 Typical Applications
9.2.1 Missing-Pulse Detector
The circuit shown in Figure 16 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is re-triggered continuously
by the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing,
missing pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an output
pulse as shown in Figure 17.
Figure 16. Circuit for Missing-Pulse Detector
9.2.1.1 Design Requirements
Input fault (missing pulses) must be input high. Input stuck low will not be detected because timing capacitor "C"
will remain discharged.
9.2.1.2 Detailed Design Procedure
Choose RA and C so that RA× C > [maximum normal input high time]. RL improves VOH, but it is not required for
TTL compatibility.
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: NA555 NE555 SA555 SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com