Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  xx555 Precision Timers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 3 Page - Texas Instruments

  SA555 Datasheet HTML 1Page - Texas Instruments SA555 Datasheet HTML 2Page - Texas Instruments SA555 Datasheet HTML 3Page - Texas Instruments SA555 Datasheet HTML 4Page - Texas Instruments SA555 Datasheet HTML 5Page - Texas Instruments SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
V
CC
DISCH
THRES
CONT
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
DISCH
NC
THRES
NC
NC
TRIG
NC
OUT
NC
NC – No internal connection
NA555...D OR P PACKAGE
NE555...D, P, PS, OR PW PACKAGE
SA555...D OR P PACKAGE
SE555...D, JG, OR P PACKAGE
(TOP VIEW)
SE555...FK PACKAGE
(TOP VIEW)
NA555, NE555, SA555, SE555
www.ti.com
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
D, P, PS,
FK
I/O
DESCRIPTION
PW, JG
NAME
NO.
Controls comparator thresholds, Outputs 2/3 VCC, allows bypass capacitor
CONT
5
12
I/O
connection
DISCH
7
17
O
Open collector output to discharge timing capacitor
GND
1
2
–
Ground
1, 3, 4, 6, 8,
9, 11, 13,
NC
–
No internal connection
14, 16, 18,
19
OUT
3
7
O
High current timer output signal
RESET
4
10
I
Active low reset input forces output and discharge low.
THRES
6
15
I
End of timing input. THRES > CONT sets output low and discharge low
TRIG
2
5
I
Start of timing input. TRIG < ½ CONT sets output high and discharge open
VCC
8
20
–
Input supply voltage, 4.5 V to 16 V. (SE555 maximum is 18 V)
Copyright © 1973–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: NA555 NE555 SA555 SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com