Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  xx555 Precision Timers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 1 Page - Texas Instruments

  SA555 Datasheet HTML 1Page - Texas Instruments SA555 Datasheet HTML 2Page - Texas Instruments SA555 Datasheet HTML 3Page - Texas Instruments SA555 Datasheet HTML 4Page - Texas Instruments SA555 Datasheet HTML 5Page - Texas Instruments SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
S
R
R1
TRIG
THRES
VCC
CONT
RESET
OUT
DISCH
GND
4
8
5
6
2
1
7
3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
xx555 Precision Timers
1 Features
3 Description
These devices are precision timing circuits capable of
1
•
Timing From Microseconds to Hours
producing accurate time delays or oscillation. In the
•
Astable or Monostable Operation
time-delay or mono-stable mode of operation, the
•
Adjustable Duty Cycle
timed interval is controlled by a single external
resistor and capacitor network. In the a-stable mode
•
TTL-Compatible Output Can Sink or Source
of operation, the frequency and duty cycle can be
Up to 200 mA
controlled independently with two external resistors
•
On Products Compliant to MIL-PRF-38535,
and a single external capacitor.
All Parameters Are Tested Unless Otherwise
The threshold and trigger levels normally are two-
Noted. On All Other Products, Production
thirds and one-third, respectively, of VCC. These
Processing Does Not Necessarily Include
levels can be altered by use of the control-voltage
Testing of All Parameters.
terminal. When the trigger input falls below the trigger
level, the flip-flop is set, and the output goes high. If
2 Applications
the trigger input is above the trigger level and the
•
Fingerprint Biometrics
threshold input is above the threshold level, the flip-
flop is reset and the output is low. The reset (RESET)
•
Iris Biometrics
input can override all other inputs and can be used to
•
RFID Reader
initiate a new timing cycle. When RESET goes low,
the flip-flop is reset, and the output goes low. When
the output is low, a low-impedance path is provided
between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing
current up to 200 mA. Operation is specified for
supplies of 5 V to 15 V. With a 5-V supply, output
levels are compatible with TTL inputs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PDIP (8)
9.81 mm × 6.35 mm
SOP (8)
6.20 mm × 5.30 mm
xx555
TSSOP (8)
3.00 mm × 4.40 mm
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SA555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555 PHILIPS-SA555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Fairchild Semiconductor
SA555 FAIRCHILD-SA555 Datasheet
150Kb / 14P
Single Timer
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
SA555 TI-SA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
STMicroelectronics
SA555 STMICROELECTRONICS-SA555 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
More results

Similar Description - SA555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
NA555 TI1-NA555_16 Datasheet
1Mb / 36P
xx555 Precision Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com