Electronic Components Datasheet Search
  English  ▼

X  

3412472 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 3412472
Description  ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3412472 Datasheet(HTML) 1 Page - OSRAM GmbH

  3412472 Datasheet HTML 1Page - OSRAM GmbH 3412472 Datasheet HTML 2Page - OSRAM GmbH 3412472 Datasheet HTML 3Page - OSRAM GmbH 3412472 Datasheet HTML 4Page - OSRAM GmbH 3412472 Datasheet HTML 5Page - OSRAM GmbH 3412472 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product family benefits
_ Small housing for flexible luminaire designs
_ Flexible current selection via DIP switch
_ Reversible overtemperature, overload, short-circuit and open-circuit protection
Areas of application
_ Extra small design for downlights, spotlights and other indoor luminaries
_ Suitable for luminaires of protection classes I and II
_ Suitable for indoor SELV installations
Product datasheet
IT FIT 7/220…240/700 CS I
ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable
Product family features
_ Supply voltage: 220…240 V
_ Line frequency: 50 Hz | 60 Hz
_ Line voltage: 198…264 V
_ According to EN 61347-1, 61347-2-13, 62384
_ RI suppression according to CISPR 15
_ Line harmonics according to IEC 61000-3-2
_ Immunity according to IEC 61547
__
August 10, 2021, 10:42:59
© 2021, OSRAM GmbH. All rights reserved.
IT FIT 7/220…240/700 CS I
Page 1 of 6


Similar Part No. - 3412472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34124-0 ETC2-34124-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
logo
Festo Corporation.
3412424 FESTO-3412424 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412425 FESTO-3412425 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412426 FESTO-3412426 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412427 FESTO-3412427 Datasheet
99Kb / 2P
Pinch valve
11/26/21
More results

Similar Description - 3412472

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712S MAXIC-MT9712S Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714D MAXIC-MT9714D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9714S MAXIC-MT9714S Datasheet
64Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com