Electronic Components Datasheet Search
  English  ▼

X  

3412472 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # 3412472
Description  ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3412472 Datasheet(HTML) 5 Page - OSRAM GmbH

  3412472 Datasheet HTML 1Page - OSRAM GmbH 3412472 Datasheet HTML 2Page - OSRAM GmbH 3412472 Datasheet HTML 3Page - OSRAM GmbH 3412472 Datasheet HTML 4Page - OSRAM GmbH 3412472 Datasheet HTML 5Page - OSRAM GmbH 3412472 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Additional product data
Encapsulated
No
Capabilities
Dimmable
No
Overheating protection
Automatic reversible
Overload protection
Automatic reversible
Short-circuit protection
Automatic reversible
No-load proof
Yes
Intended for no-load operation
No
Max. cable length to lamp/LED module
2.0 m
Suitable for fixtures with prot. class
I / II
Type of connection, input side
Push terminal
Type of connection, output side
Push terminal
Control interface
-
Number of channels
1
Programming
Programming device
DIPswitch
Certificates & standards
Approval marks – approval
ENEC 05 / CCC / CE / RCM
Standards
Acc. to IEC 61347-1/Acc. to IEC 61347-2-13/Acc. to
IEC 62384/Acc. to IEC 61000-3-2/Acc. to IEC 61000-3-
3/Acc. to IEC 61547
Type of protection
IP20
Logistical data
Commodity code
850440829000
Download Data
File
User instruction
ICUTRONIC LED Power Supply
Certificates
IT FIT CS I RCM NSW28523 070621
Certificates
IT FIT CS I RCM NSW28523 1 070621
Product datasheet
__
August 10, 2021, 10:42:59
© 2021, OSRAM GmbH. All rights reserved.
IT FIT 7/220…240/700 CS I
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com