Electronic Components Datasheet Search
  English  ▼

X  

3412472 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 3412472
Description  ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3412472 Datasheet(HTML) 2 Page - OSRAM GmbH

  3412472 Datasheet HTML 1Page - OSRAM GmbH 3412472 Datasheet HTML 2Page - OSRAM GmbH 3412472 Datasheet HTML 3Page - OSRAM GmbH 3412472 Datasheet HTML 4Page - OSRAM GmbH 3412472 Datasheet HTML 5Page - OSRAM GmbH 3412472 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Electrical data
Nominal input voltage
220…240 V
Mains frequency
50/60 Hz
Input voltage AC
198…264 V 1)
Total harmonic distortion
< 10 % 2)
Power factor λ
0.90 3)
Efficiency in full-load
80 % 4)
Protective conductor current
<0.7 mA
Inrush current
< 10 A
Max. ECG no. on circuit breaker 10 A (B)
78
Max. ECG no. on circuit breaker 10 A (C)
78
Max. ECG no. on circuit breaker 16 A (B)
125
Max. ECG no. on circuit breaker 16 A (C)
125
Surge capability (L/N-Ground)
2 kV
Surge capability (L-N)
1 kV
Nominal output voltage
2.5…11 V
U-OUT (working voltage)
60 V
Nominal output current
350 / 400 / 450 / 500 / 550 / 600 / 650 / 700 mA 5)
Output current tolerance
±7.5 %
Default output current
700 mA
Output ripple current (100 Hz)
< 5 % 6)
Output PSTLM
≤
1
Output SVM
≤
0.4
Nominal output power
0.88…7.7 W
Maximum output power
7.7 W
Galvanic isolation
SELV
Current set
DipSwitch
1) Safety voltage range
2) At full load, 230 V, 50 Hz / see graphs
3) Full load at 230 V/50 Hz
4) at 230 V, 50 Hz
5) ±7.5%
6) Ripple average at 100 Hz
Product datasheet
__
August 10, 2021, 10:42:59
© 2021, OSRAM GmbH. All rights reserved.
IT FIT 7/220…240/700 CS I
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com