Electronic Components Datasheet Search
  English  ▼

X  

3412472 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 3412472
Description  ICUTRONIC FIT CS I | Compact constant current LED driver – Non dimmable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3412472 Datasheet(HTML) 3 Page - OSRAM GmbH

  3412472 Datasheet HTML 1Page - OSRAM GmbH 3412472 Datasheet HTML 2Page - OSRAM GmbH 3412472 Datasheet HTML 3Page - OSRAM GmbH 3412472 Datasheet HTML 4Page - OSRAM GmbH 3412472 Datasheet HTML 5Page - OSRAM GmbH 3412472 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IT FIT 7 700 CS I Operating Window
IT FIT 7 700 CS I Typical Efficiency vs. Load (230 V 50 Hz)
IT FIT 7 700 CS I Typical Power Factor vs. Load
IT FIT 7 700 CS I Typical THD Vs Load
Product datasheet
__
August 10, 2021, 10:42:59
© 2021, OSRAM GmbH. All rights reserved.
IT FIT 7/220…240/700 CS I
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com