Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 25 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 25Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 26Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 27Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
11
Pin Name
Type
Pin
No.
Function
RBCLK
Tristate
Output
H2
The receive BERT clock signal (RBCLK)
contains the receive bit error rate test clock.
RBCLK is a buffered version of the selected
one of the receive clock signals
(RCLK[31:0]). RBCLK may be tri-stated by
setting the RBEN bit in the FREEDM-32P32
Master BERT Control register low.
TCLK[0]
TCLK[1]
TCLK[2]
TCLK[3]
TCLK[4]
TCLK[5]
TCLK[6]
TCLK[7]
TCLK[8]
TCLK[9]
TCLK[10]
TCLK[11]
TCLK[12]
TCLK[13]
TCLK[14]
TCLK[15]
TCLK[16]
TCLK[17]
TCLK[18]
TCLK[19]
TCLK[20]
TCLK[21]
TCLK[22]
TCLK[23]
TCLK[24]
TCLK[25]
TCLK[26]
TCLK[27]
TCLK[28]
TCLK[29]
TCLK[30]
TCLK[31]
Input
L2
L4
M2
M4
N2
P1
R1
R2
P4
T2
T3
T4
W4
U5
V5
Y5
U7
Y6
W7
V8
Y8
V9
Y9
V10
Y11
V11
Y12
V12
Y13
V13
W14
V14
The transmit line clock signals (TCLK[31:0])
contain the transmit clocks for the 32
independently timed links. Processing of
the transmit links is on a priority basis, in
descending order from TCLK[0] to
TCLK[31]. Therefore, the highest rate link
should be connected to TCLK[0] and the
lowest to TCLK[31]. TD[31:0] is updated on
the falling edge of the corresponding
TCLK[31:0] clock.
For channelised T1 or E1 links, TCLK[n]
must be gapped during the framing bit (for
T1 interfaces) or during time-slot 0 (for E1
interfaces) of the TD[n] stream. The
FREEDM-32P32 uses the gapping
information to determine the time-slot
alignment in the transmit stream.
For unchannelised links, TCLK[n] must be
externally gapped during the bits or time-
slots that are not part of the transmission
format payload (i.e. not part of the HDLC
packet).
TCLK[31:3] is nominally a 50% duty cycle
clock between 0 and 10 MHz. TCLK[2:0] is
nominally a 50% duty cycle clock between 0
and 52 MHz. Typical values for TCLK[31:0]
include 1.544 MHz (for T1 links) and 2.048
MHz (for E1 links).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com