Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 25Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 26Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 27Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
12
Pin Name
Type
Pin
No.
Function
TD[0]
TD[1]
TD[2]
TD[3]
TD[4]
TD[5]
TD[6]
TD[7]
TD[8]
TD[9]
TD[10]
TD[11]
TD[12]
TD[13]
TD[14]
TD[15]
TD[16]
TD[17]
TD[18]
TD[19]
TD[20]
TD[21]
TD[22]
TD[23]
TD[24]
TD[25]
TD[26]
TD[27]
TD[28]
TD[29]
TD[30]
TD[31]
Output
L1
L3
M1
M3
N1
N3
P2
P3
T1
R3
U1
U2
U3
V4
Y4
W5
V6
W6
V7
Y7
W8
U9
W9
W10
Y10
W11
U11
W12
U12
W13
Y14
Y15
The transmit data signals (TD[31:0])
contains the transmit data for the 32
independently timed links in normal mode
(PMCTEST set low). Processing of the
transmit links is on a priority basis, in
descending order from TD[0] to TD[31].
Therefore, the highest rate link should be
connected to TD[0] and the lowest to
TD[31].
For channelised links, TD[n] contains the 24
(T1) or 31 (E1) time-slots that comprise the
channelised link. TCLK[n] must be gapped
during the T1 framing bit position or the E1
frame alignment signal (time-slot 0). The
FREEDM-32P32 uses the location of the
gap to determine the channel alignment on
TD[n].
For unchannelised links, TD[n] contains the
HDLC packet data. For certain transmission
formats, TD[n] may contain place holder bits
or time-slots. TCLK[n] must be externally
gapped during the place holder positions in
the TD[n] stream. The FREEDM-32P32
supports a maximum data rate of 10 Mbit/s
on an individual TD[31:3] link and a
maximum data rate of 52 Mbit/s on TD[2:0]
TD[31:0] is updated on the falling edge of
the corresponding TCLK[31:0] clock.
TBD
Input
W15
The transmit BERT data signal (TBD)
contains the transmit bit error rate test data.
When the TBERTEN bit in the BERT
Control register is set high, the data on TBD
is transmitted on the selected one of the
transmit data signals (TD[31:0]). TBD is
sampled on the rising edge of TBCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com