Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 98Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 99Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 101Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 102Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
85
remains valid when interrupts are disabled and may be polled to detect TD
free queue error events.
IOCE:
The transmit interrupt on complete enable bit (IOCE) enables transmission
complete interrupts to the PCI host. When IOCE is set high, complete
transmission of a packet with the IOC bit in the TD set high will cause an
interrupt to be generated on the PCIINTB output. Interrupts are masked
when IOCE is set low. However, the IOCI bit remains valid when interrupts
are disabled and may be polled to detect transmission of IOC tagged
packets.
TFUDRE:
The transmit FIFO underflow error interrupt enable bit (TFUDRE) enables
transmit FIFO underflow error interrupts to the PCI host. When TFUDRE is
set high, attempts to read data from the logical FIFO when it is already empty
will cause an interrupt to be generated on the PCIINTB output. Interrupts are
masked when TFUDRE is set low. However, the TFUDRI bit remains valid
when interrupts are disabled and may be polled to detect transmit FIFO
underflow events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com